Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82816 Datasheet (PDF) - Texas Instruments

TPSM82816 Datasheet PDF - Texas Instruments
Part # TPSM82816
Download  TPSM82816 Download
File Size   1252.17 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM82816 2.7-V to 6-V Input 6-A Step-Down MicroSiP™ Power Module with Integrated Inductor and Frequency Synchronization

TPSM82816 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM82816 Datasheet PDF - Texas Instruments

Part # TPSM82816
Download  TPSM82816 Click to download

File Size   1252.17 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM82816 2.7-V to 6-V Input 6-A Step-Down MicroSiP™ Power Module with Integrated Inductor and Frequency Synchronization

TPSM82816 Datasheet (HTML) - Texas Instruments


TPSM82816 Product details

1 Features
• Adjustable and synchronizable switching
frequency of 1.8 MHz to 4 MHz
• Spread spectrum clocking (optional)
• Selectable forced PWM or PFM/PWM operation
• Output voltage accuracy ±1% (PWM operation)
• Input voltage range: 2.7 V to 6 V
• Output voltage range: 0.6 V to 5.5 V
• Adjustable soft-start or tracking
• Power-good output with window comparator
• Precise ENABLE input allows
– User-defined undervoltage lockout
– Exact sequencing
• 100% duty cycle
• Output discharge
• 26-μA typical quiescent current
• Pin to Pin compatible with TPSM82813 (3A) and
TPSM82810 (4A)
• Excellent thermal performance
• –40°C to 125°C operating temperature range

2 Applications
• Optical modules, data center interconnect
• Signal measurement, source generation,
instrumentation
• Patient monitoring and diagnostics
• Wireless infrastructure
• Ruggedized Communication: sensors, imaging,
and radar

3 Description
TPSM82816 is part of a family of pin-to-pin 3-A, 4-A
and 6-A compatible high efficiency and easy to use
synchronous step-down DC/DC power modules with
integrated inductors. The devices are based on a
fixed-frequency peak current-mode control topology.
The devices are used in telecommunication, test and
measurement, and medical applications with high
power density and ease of use requirements. Low
resistance switches allow up to 6-A continuous output
current at high ambient temperatures. The switching
frequency is externally adjustable from 1.8 MHz to
4 MHz and can also be synchronized to an external
clock in the same frequency range. In Power Save
Mode, the TPSM82816 automatically enters PFM at
light loads to maintain high efficiency across the
whole load range. The TPSM82816 provides a 1%
output voltage accuracy in PWM mode which helps
design a power supply with high output voltage
accuracy. The SS/TR pin sets the start-up time or
tracks the output voltage to an external source. This
allows external sequencing of different supply rails
and limits the inrush current during start-up.




Similar Part No. - TPSM82816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM82816 TI1-TPSM82816 Datasheet
1Mb / 38P
TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
JUNE 2024
TPSM82816PVCAR TI1-TPSM82816PVCAR Datasheet
1Mb / 38P
TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
JUNE 2024
TPSM82816SIER TI1-TPSM82816SIER Datasheet
1Mb / 38P
TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
JUNE 2024
TPSM82816 TI1-TPSM82816_V01 Datasheet
1Mb / 38P
TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
JUNE 2024
More results


Similar Description - TPSM82816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPSM82480 TI1-TPSM82480 Datasheet
1Mb / 31P
5.5-V Input, 6-A, Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810_V01 Datasheet
2Mb / 38P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810_V02 Datasheet
2Mb / 39P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI-TPSM82810_V03 Datasheet
2Mb / 39P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM843620 TI-TPSM843620 Datasheet
1Mb / 39P
TPSM843620 4-V to 18-V Input, 6-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
OCTOBER 2023
TPSM843620 TI1-TPSM843620_V01 Datasheet
1Mb / 41P
TPSM843620 4-V to 18-V Input, 6-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
REVISED DECEMBER 2023
TPSM828510 TI1-TPSM828510 Datasheet
2Mb / 31P
TPSM82851x 2.7-V to 6-V Input, 0.5-A/1-A/2-A Step-Down Power Module With Integrated Inductor
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com