Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0639006100 Datasheet (PDF) - Molex Electronics Ltd.

0639006100 Datasheet PDF - Molex Electronics Ltd.
Part # 0639006100
Download  0639006100 Download
File Size   32.76 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FineAdjust Applicator for Crimp Terminals-Humpback with Anti-Fish Hook, 18 AWG Wire

0639006100 Datasheet (PDF)

Go To PDF Page Download Datasheet
0639006100 Datasheet PDF - Molex Electronics Ltd.

Part # 0639006100
Download  0639006100 Click to download

File Size   32.76 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FineAdjust Applicator for Crimp Terminals-Humpback with Anti-Fish Hook, 18 AWG Wire

0639006100 Datasheet (HTML) - Molex Electronics Ltd.


0639006100 Product details

General
Product Family Application Tooling
Series 207127
Comments See Tooling Specification (PDF) Above
Function Crimp
Geographic Area Global
Level of Automation Automatic, Semi-Automatic
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name FineAdjust
Taxonomy Applicators and Crimp Modules
Tool Type Applicator
UPC 800756916552
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 0639006100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639006300 MOLEX-0639006300 Datasheet
36Kb / 1P
FineAdjust??Applicator for Board in Connector Mini Crimp Terminals, 20-22 AWG
06/27/2011
0639006600 MOLEX-0639006600 Datasheet
33Kb / 2P
FineAdjust Applicator for 1.25mm Pitch Wire-to-Board Connector Dual Plug Terminals, 26-28 AWG
08/25/2022
0639006700 MOLEX-0639006700 Datasheet
32Kb / 1P
FineAdjust Applicator for Terminals, 14 AWG Wire
08/26/2022
More results


Similar Description - 0639006100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-1700 MOLEX11-63819-1700 Datasheet
44Kb / 1P
Hand Crimp Tool for 3.96mm Humpback with Anti-Fish Hook Crimp Terminals, 18 AWG Wire
63888-7100 MOLEX11-63888-7100 Datasheet
42Kb / 1P
Mini-Mac for Cat Ear and Anti-Fish Hook Crimp Terminals, 22-30 AWG Wire
63900-0400 MOLEX11-63900-0400 Datasheet
50Kb / 1P
FineAdjust Applicator for Terminals, 18 AWG Wire
63900-6100 MOLEX11-63900-6100 Datasheet
50Kb / 1P
FineAdjust Applicator for Crimp Terminals-Humpback with Anti-Fish Hook, 18 AWG Wire
63902-3200 MOLEX11-63902-3200 Datasheet
39Kb / 1P
FineAdjust Applicator for Crimp Terminals 20-24 AWG Wire
ATS-639006100 MOLEX-ATS-639006100 Datasheet
471Kb / 5P
Fine Adjust Applicator for KK .156 Crimp Terminal-Humpback with Anti-Fish hook
02-25-16
ATS-639106100 MOLEX-ATS-639106100 Datasheet
135Kb / 6P
T2 Terminator for KK .156 Crimp Terminal-Humpback with Anti-Fish hook
01-30-08
0638191700 MOLEX-0638191700 Datasheet
38Kb / 1P
Hand Crimp Tool for 3.96mm Humpback with Anti-Fish Hook Crimp Terminals, 18 AWG Wire
11/02/2021
0639036100 MOLEX-0639036100 Datasheet
33Kb / 1P
FineAdjust Applicator for EconoLatch Crimp Terminals, 16-18 AWG
08/25/2022
0639036200 MOLEX-0639036200 Datasheet
33Kb / 1P
FineAdjust Applicator for EconoLatch Crimp Terminals, 18 AWG
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com