Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4010 Datasheet (PDF) - Littelfuse

SP4010 Datasheet PDF - Littelfuse
Part # SP4010
Download  SP4010 Download
File Size   724.17 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 0.48pF Diode Array

SP4010 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP4010 Datasheet PDF - Littelfuse

Part # SP4010
Download  SP4010 Click to download

File Size   724.17 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 0.48pF Diode Array

SP4010 Datasheet (HTML) - Littelfuse


SP4010 Product details

Description
The SP4010 integrates 2 channels of ultra low capacitance
asymmetrical protection for electronic equipment that may
experience destructive electrostatic discharges (ESD). These
robust components can safely absorb repetitive ESD strikes above
the maximum contact level specified in the IEC 61000-4-2
international standard (±30kV contact discharge) without
performance degradation.
The extremely low off-state capacitance also makes it ideal for
protecting high speed signal lines such as USB3.0,HDMI, USB2.0,
and eSATA.

Features & Benefits
■ ESD, IEC 61000-4-2, ±30kV
contact, ±30kV air
■ EFT, IEC 61000-4-4, 40A
(tP=5/50ns)
■ Lightning, IEC 61000-4-5 2nd
edition, 23A (tP=8/20μs)
■ Low capacitance of 0.48pF
@0V, 1MHz (TYP) per I/O
■ Low leakage current of 0.2μA
(MAX) at 10V
■ Moisture Sensitivity Level
(MSL -1)
■ Halogen free, lead free and
RoHS compliant

Applications
■ LCD/PDP TVs
■ External Storages
■ DVD/Blu-ray Players
■ Desktops
■ MP3/PMP
■ Set Top Boxes
■ Smartphones
■ Ultrabooks/Notebooks
■ Digital Cameras




Similar Part No. - SP4010

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP40001 SIPAT-SP40001 Datasheet
158Kb / 4P
400MHz Low-loss SAW Filter 45MHz Bandwidth
SP40001 SIPAT-SP40001 Datasheet
164Kb / 4P
400MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Littelfuse
SP4001-04UTG LITTELFUSE-SP4001-04UTG Datasheet
144Kb / 1P
The SIM (Subscriber Identification Module) card has 3 data lines that are low-speed and low-voltage
logo
DB Unlimited.
SP400308-1 DBUNLIMITED-SP400308-1 Datasheet
718Kb / 1P
Released from Engineering
SP400616-1 DBUNLIMITED-SP400616-1 Datasheet
563Kb / 1P
Released from Engineering
More results


Similar Description - SP4010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DA108S1 STMICROELECTRONICS-DA108S1 Datasheet
51Kb / 5P
DIODE ARRAY
Mar-1998
logo
Intersil Corporation
CA3039 INTERSIL-CA3039 Datasheet
27Kb / 4P
Diode Array
November 1996
CA3039 INTERSIL-CA3039_00 Datasheet
78Kb / 4P
Diode Array
December 2000
logo
STMicroelectronics
DA108S1 STMICROELECTRONICS-DA108S1_07 Datasheet
118Kb / 8P
Diode Array
15-Feb-2007
logo
Sensitron
SCP-4644 SENSITRON-SCP-4644 Datasheet
36Kb / 2P
Diode Array
logo
Solid States Devices, I...
RS0217 SSDI-RS0217 Datasheet
170Kb / 2P
DIODE ARRAY
logo
Sensitron
SDA1001SS SENSITRON-SDA1001SS Datasheet
122Kb / 2P
DIODE ARRAY
SDA1002SS SENSITRON-SDA1002SS Datasheet
214Kb / 2P
DIODE ARRAY
SDA1003SS SENSITRON-SDA1003SS Datasheet
214Kb / 2P
DIODE ARRAY
logo
New Jersey Semi-Conduct...
1N6101 NJSEMI-1N6101 Datasheet
82Kb / 1P
Diode Array
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com