Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1923869 Datasheet (PDF) - PHOENIX CONTACT

1923869 Datasheet PDF - PHOENIX CONTACT
Part # 1923869
Download  1923869 Download
File Size   566.76 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MSTBA 2,5 HC/ 2-G-5,08

1923869 Datasheet (PDF)

Go To PDF Page Download Datasheet
1923869 Datasheet PDF - PHOENIX CONTACT

Part # 1923869
Download  1923869 Click to download

File Size   566.76 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MSTBA 2,5 HC/ 2-G-5,08

1923869 Datasheet (HTML) - PHOENIX CONTACT


1923869 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A (see derating
curve), rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Male connector, number
of potentials: 2, number of rows: 1, number of positions: 2, number of connections: 2, product
range: MSTBA 2,5 HC/..-G, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear
pinning, solder pin [P]: 3.5 mm, number of solder pins per potential: 1, plug-in system:
COMBICON MSTB 2,5 HC, Pin connector pattern alignment: Standard, locking: without,
mounting: without, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use




Similar Part No. - 1923869

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
192386 FESTO-192386 Datasheet
87Kb / 1P
Filter regulator
More results


Similar Description - 1923869

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1812649 PHOENIX-1812649 Datasheet
39Kb / 1P
MSTBA 2,5 HC/ 2-G-5,08 BK
1923940 PHOENIX-1923940 Datasheet
164Kb / 10P
Feed-through header - MSTBA 2,5 HC/10-G-5,08
09/12/2020
1923759 PHOENIX-1923759 Datasheet
471Kb / 12P
PCB header - MSTBA 2,5 HC/ 2-G
Dec 30, 2022
1923775 PHOENIX-1923775 Datasheet
471Kb / 12P
PCB header - MSTBA 2,5 HC/ 4-G
Jan 3, 2023
1923885 PHOENIX-1923885 Datasheet
566Kb / 15P
PCB header - MSTBA 2,5 HC/ 4-G-5,08
Dec 30, 2022
1924305 PHOENIX-1924305 Datasheet
341Kb / 11P
PCB header - MSTBVA 2,5 HC/ 2-G-5,08
Jan 3, 2023
1809092 PHOENIX-1809092 Datasheet
257Kb / 9P
PCB header - MSTBA 2,5/ 4-G-5,08-LR
Jan 10, 2023
1923762 PHOENIX-1923762 Datasheet
474Kb / 12P
PCB header - MSTBA 2,5 HC/ 3-G
1923872 PHOENIX-1923872 Datasheet
569Kb / 15P
PCB header - MSTBA 2,5 HC/ 3-G-5,08
1926015 PHOENIX-1926015 Datasheet
225Kb / 8P
PCB header - MSTBA 2,5/ 2-G-5,08-RN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com