Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2703008 Datasheet (PDF) - PHOENIX CONTACT

2703008 Datasheet PDF - PHOENIX CONTACT
Part # 2703008
Download  2703008 Download
File Size   987.28 Kbytes
Page   29 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Injector - INJ 1010-T

2703008 Datasheet (PDF)

Go To PDF Page Download Datasheet
2703008 Datasheet PDF - PHOENIX CONTACT

Part # 2703008
Download  2703008 Click to download

File Size   987.28 Kbytes
Page   29 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Injector - INJ 1010-T

2703008 Datasheet (HTML) - PHOENIX CONTACT


2703008 Product details

PoE injector, 60 W, two RJ45 jacks, 10/100/1000 Mbps, DIN rail mounting, IP20, expanded
temperature range of -40°C ... 75°C

Product Description
The midspan injectors connect Ethernet devices without PoE (e.g., switches) to PoE-capable end devices (e.g., IP cameras). As power sourcing
equipment (PSE), the injector supplies the required power to a powered device (PD) via the data cable. The injector and end device negotiate the
electrical power requirements autonomously.

Your advantages
• Extended supply voltage range of 18 V DC ... 57 V DC, redundant
• Extended temperature range of -40 °C ... +75 °C
• Mounting on a DIN rail
• 10/100/1000 Mbps
• Safe shield connection to ground potential




Similar Part No. - 2703008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2703008300 ETC2-2703008300 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
2703008400 ETC2-2703008400 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
2703008500 ETC2-2703008500 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
2703008600 ETC2-2703008600 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
2703008700 ETC2-2703008700 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results


Similar Description - 2703008

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
DI17X ATM-DI17X Datasheet
54Kb / 1P
OUTLINE DC INJECTOR
logo
Assmann Electronics Inc...
A-DIO-TOP-04 ASSMANN-A-DIO-TOP-04 Datasheet
532Kb / 1P
ASS 1010 CO
logo
Level One
POI-2001 LVL1-POI-2001 Datasheet
1Mb / 2P
Gigabit PoE Injector
logo
Texas Instruments
LM1949 TI1-LM1949 Datasheet
791Kb / 17P
Injector Drive Controller
logo
Level One
POI-3000 LVL1-POI-3000 Datasheet
628Kb / 3P
Gigabit PoE Injector
logo
Yuan Dean Scientific., ...
PE101G YUANDEAN-PE101G Datasheet
564Kb / 2P
POE Injector
logo
PHOENIX CONTACT
2703007 PHOENIX-2703007 Datasheet
986Kb / 29P
Injector - INJ 1010
Dec 6, 2022
2703006 PHOENIX-2703006 Datasheet
1Mb / 30P
Injector - INJ 1000-T
Dec 6, 2022
2702899 PHOENIX-2702899 Datasheet
591Kb / 18P
Wireless module - FL WLAN 1010
2703005 PHOENIX-2703005 Datasheet
1Mb / 34P
Injector - INJ 1000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com