Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273864 Datasheet (PDF) - PHOENIX CONTACT

3273864 Datasheet PDF - PHOENIX CONTACT
Part # 3273864
Download  3273864 Download
File Size   567.21 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/6X4 GN

3273864 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273864 Datasheet PDF - PHOENIX CONTACT

Part # 3273864
Download  3273864 Click to download

File Size   567.21 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/6X4 GN

3273864 Datasheet (HTML) - PHOENIX CONTACT


3273864 Product details

Distribution block, nom. voltage: 450 V, nominal current: 41 A, connection method: Push-in
connection, Load contact, cross section: 0.2 mm2 - 6 mm2, Push-in connection, Line contact,
Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: for snapping
onto a DIN rail adapter, Direct mounting with flange, Free-hanging, color: green




Similar Part No. - 3273864

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273860 PHOENIX-3273860 Datasheet
568Kb / 22P
Distribution block - PTFIX 10/6X4 RD
Jun 22, 2022
3273862 PHOENIX-3273862 Datasheet
567Kb / 21P
Distribution block - PTFIX 10/6X4 YE
Jul 29, 2022
3273866 PHOENIX-3273866 Datasheet
571Kb / 22P
Distribution block - PTFIX 10/6X4 BN
Jun 27, 2022
3273868 PHOENIX-3273868 Datasheet
571Kb / 22P
Distribution block - PTFIX 10/6X4 WH
Jun 22, 2022
More results


Similar Description - 3273864

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273534 PHOENIX-3273534 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 GN
3273666 PHOENIX-3273666 Datasheet
68Kb / 4P
Distribution block - PTFIX 6X4-NS35A GN
3273798 PHOENIX-3273798 Datasheet
68Kb / 4P
Distribution block - PTFIX 6X4 GN
3273930 PHOENIX-3273930 Datasheet
68Kb / 4P
Distribution block - PTFIX 6X4-G GN
3273732 PHOENIX-3273732 Datasheet
502Kb / 20P
Distribution block - PTFIX 10/6X4-NS35A GN
Jun 16, 2022
3273860 PHOENIX-3273860 Datasheet
568Kb / 22P
Distribution block - PTFIX 10/6X4 RD
Jun 22, 2022
3273862 PHOENIX-3273862 Datasheet
567Kb / 21P
Distribution block - PTFIX 10/6X4 YE
Jul 29, 2022
3273873 PHOENIX-3273873 Datasheet
565Kb / 21P
Distribution block - PTFIX 10/6X4 PK
Jul 29, 2022
3273996 PHOENIX-3273996 Datasheet
492Kb / 18P
Distribution block - PTFIX 10/6X4-G GN
Nov 30, 2022
3273600 PHOENIX-3273600 Datasheet
497Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 GN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com