Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTF Datasheet (PDF) - C&K Components

RTF Datasheet PDF - C&K Components
Part # RTF
Download  RTF Download
File Size   470.48 Kbytes
Page   4 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description 7.2mm x 7.2mm Low Profile Rotary DIP Switches

RTF Datasheet (PDF)

Go To PDF Page Download Datasheet
RTF Datasheet PDF - C&K Components

Part # RTF
Download  RTF Click to download

File Size   470.48 Kbytes
Page   4 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description 7.2mm x 7.2mm Low Profile Rotary DIP Switches

RTF Datasheet (HTML) - C&K Components


RTF Product details

Features/Benefits
• New generation
• Most compact rotary DIP switch
• Thru-hole, Crimped, J-Bend, Angled
and Surface Mount Models
• New designs with different actuators
• IP67
• RoHS compatible and compliant

Typical Applications
• Industrial and control automation
• Automotive
• Computer and peripherals
• Instrumentation
• Security devices




Similar Part No. - RTF

ManufacturerPart #DatasheetDescription
logo
Dubilier
RTF DUBILIER-RTF Datasheet
302Kb / 2P
SURFACE MOUNT THIN FILM CHIP RESISTORS
logo
Labfacility Ltd
RTF-100-S4B-2.0-WC042 LABFACILITY-RTF-100-S4B-2.0-WC042 Datasheet
575Kb / 2P
Platinum Silicone Patch Sensors (Pt100 & Pt1000 Ohm)
RTF-100-S4B-3.0-WC042 LABFACILITY-RTF-100-S4B-3.0-WC042 Datasheet
575Kb / 2P
Platinum Silicone Patch Sensors (Pt100 & Pt1000 Ohm)
RTF-1000-S2B-1.0-C8 LABFACILITY-RTF-1000-S2B-1.0-C8 Datasheet
575Kb / 2P
Platinum Silicone Patch Sensors (Pt100 & Pt1000 Ohm)
logo
Rohm
RTF010P02 ROHM-RTF010P02 Datasheet
88Kb / 5P
DC-DC Converter (-20V, -1.0A)
More results


Similar Description - RTF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
Low-cost Rotary DIP Switches
logo
ITT Industries
RTE ITT-RTE Datasheet
427Kb / 8P
Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
Low Profile Rotary DIP Switches
logo
FCI connector
10045588 FCI-CONNECTOR-10045588 Datasheet
124Kb / 2P
7.2mm R/A GUIDE BALDE
10045367-101LF FCI-CONNECTOR-10045367-101LF Datasheet
123Kb / 2P
7.2MM R/A GUIDE SOCKET
logo
ITT Industries
RTE1000G13 ITT-RTE1000G13 Datasheet
428Kb / 8P
Low Profile Rotary DIP Switches
logo
FCI connector
10037909-101LF FCI-CONNECTOR-10037909-101LF Datasheet
123Kb / 2P
7.2mm GUIDE MODULE, RIGHT ANGLE
logo
C&K Components
RTE CK-COMPONENTS-RTE_V01 Datasheet
809Kb / 6P
Low Profile Rotary DIP Switches
2021
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
Low Profile Rotary DIP Switches
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
Low Profile Rotary DIP Switches
15 Sep 22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com