Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5100WG-7 Datasheet (PDF) - Diodes Incorporated

AP5100WG-7 Datasheet PDF - Diodes Incorporated
Part # AP5100WG-7
Download  AP5100WG-7 Download
File Size   389.52 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.2A STEP-DOWN CONVERTER with 1.4MHz SWITCHING FREQUENCY

AP5100WG-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP5100WG-7 Datasheet PDF - Diodes Incorporated

Part # AP5100WG-7
Download  AP5100WG-7 Click to download

File Size   389.52 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.2A STEP-DOWN CONVERTER with 1.4MHz SWITCHING FREQUENCY

AP5100WG-7 Datasheet (HTML) - Diodes Incorporated


AP5100WG-7 Product details

Features
• VIN 4.75V to 24V
• Load current of up to 1.2A
• Internal Power MOSFET
• Stable with Low ESR Ceramic Output Capacitors
• Up to 90% Efficiency
• 0.1μA Shutdown Mode
• Fixed 1.4MHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Resistor divider adjustable Output: 0.81V to 15V
• SOT26: Available in “Green” Molding Compound (No Br, Sb)
• Lead Free Finish/RoHS Compliant (Note 1)

Applications
• Distributed Power Systems
• Battery Charger
• Pre-Regulator for Linear Regulators
• WLED Drivers




Similar Part No. - AP5100WG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5100WG-7 DIODES-AP5100WG-7 Datasheet
419Kb / 12P
1.2A Step-Down Converter with 1.4MHz Switching Frequency
More results


Similar Description - AP5100WG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
1.2A Step-Down Converter with 1.4MHz Switching Frequency
AP5101 DIODES-AP5101 Datasheet
384Kb / 15P
1.5A Step-Down Converter with 1.4MHz Switching Frequency
DS32258 Rev. 1 - 2
AP5100_1011 DIODES-AP5100_1011 Datasheet
362Kb / 10P
1.2A Step-Down Converter with 1.4MHz Switching Frequency
DS32130 Rev. 2 - 2
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
SG Micro Corp
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
1.4MHz Step-Down Converter
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
1.4MHz Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM8112 HMSEMI-HM8112 Datasheet
1Mb / 7P
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com