Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9241 Datasheet (PDF) - Renesas Technology Corp

ISL9241 Datasheet PDF - Renesas Technology Corp
Part # ISL9241
Download  ISL9241 Download
File Size   245.62 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Buck-Boost Configurable Battery Charger with SMBus Interface and USB

ISL9241 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9241 Datasheet PDF - Renesas Technology Corp

Part # ISL9241
Download  ISL9241 Click to download

File Size   245.62 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Buck-Boost Configurable Battery Charger with SMBus Interface and USB

ISL9241 Datasheet (HTML) - Renesas Technology Corp


ISL9241 Product details

Features
• Buck-boost NVDC or hybrid power (turbo boost)
charger for 2-, 3-, or 4-cell Li-ion batteries using all
NFET transistors
• Input voltage range: 3.9V to 23.4V (no dead zone)
• System/battery output voltage: 3.9V to 18.304V
• Bypass mode supported to connect system to adapter
• Autonomous charging option (automatic end of
charging)
• Adapter current and battery current monitor
(AMON/BMON)
• PROCHOT# open-drain output, IMVP compliant
• System power monitor PSYS output, IMVP8/9
compliant
• Internal 8-bit ADC for monitoring key parameters
• USB-C PD Fast Role Swap support and PPS support
• Independent compensation pins for forward and
reverse operation (OTG) modes
• Supports supplemental power (Intel VMIN active protection)
• Battery Ship mode: IC ultra-low power state
• Supports JEITA compliance using an NTC
• 4x4 32 Ld TQFN package
Applications
• 2- to 4-cell tablets, notebooks, power banks, and any
USB-C interface portable device requiring batteries




Similar Part No. - ISL9241

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9200 INTERSIL-ISL9200 Datasheet
618Kb / 11P
Charging System Safety Circuit
October 4, 2005
logo
Renesas Technology Corp
ISL9200 RENESAS-ISL9200 Datasheet
864Kb / 11P
Charging System Safety Circuit
logo
Intersil Corporation
ISL9200EVAL1 INTERSIL-ISL9200EVAL1 Datasheet
618Kb / 11P
Charging System Safety Circuit
October 4, 2005
ISL9200EVAL1 INTERSIL-ISL9200EVAL1 Datasheet
489Kb / 11P
Charging System Safety Circuit
November 14, 2006
ISL9200EVAL1 INTERSIL-ISL9200EVAL1 Datasheet
533Kb / 11P
Charging System Safety Circuit
June 30, 2008
More results


Similar Description - ISL9241

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9538B RENESAS-ISL9538B Datasheet
214Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Oct 24, 2019
ISL9538C RENESAS-ISL9538C Datasheet
169Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Aug 19, 2021
logo
Intersil Corporation
ISL88738 INTERSIL-ISL88738 Datasheet
112Kb / 2P
Buck-Boost NVDC Battery Charger with SMBus Interface
November 14, 2016
logo
Renesas Technology Corp
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com