| Manufacturer | Part # | Datasheet | Description |
 FCI connector |
HM2A30PG5000LF
|
1Mb / 7P |
Millipacs (2 mm Hard-Metric) Signal Connector ??IEC specifications
|
|
HM2DK1457PLF
|
375Kb / 3P |
MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
|
|
HM2DK1567PLF
|
375Kb / 3P |
MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
|
|
HM2R01PA5100L9LF
|
226Kb / 3P |
MILLIPACS 2mm HARD METRIC SERIES - RIGHT ANGLE RECEPTACLE CONNECTORS
|
 Molex Electronics Ltd. |
0687890035
|
41Kb / 1P |
USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m
|
 Amphenol Communications... |
10127112
|
1Mb / 2P |
TYPE A RECEPTACLE ASSEMBLY MILLIPACS HS
Rev D |
|
BSC201630027
|
125Kb / 1P |
MILLIPACS 52 ROW SHROUD TYPE-A (25POS)
Rev E |
|
BSC202767008
|
340Kb / 1P |
mpacs ra hdr type a, non shielded
Rev H |
|
10164742
|
247Kb / 1P |
STR MALE GUIDE MILLIPACS 5 ROW SCALABLE
Rev. A |
 Molex Electronics Ltd. |
847271001
|
116Kb / 1P |
PLUG, USB TYPE-A, SHIELDED, PIGTAIL CIC
10/05/04 |