Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRS Datasheet (PDF) - Vishay Siliconix

VDRS Datasheet PDF - Vishay Siliconix
Part # VDRS_V01
Download  VDRS Download
File Size   212.58 Kbytes
Page   20 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description VDR Metal Oxide Varistors Standard

VDRS Datasheet (PDF)

Go To PDF Page Download Datasheet
VDRS Datasheet PDF - Vishay Siliconix

Part # VDRS_V01
Download  VDRS Click to download

File Size   212.58 Kbytes
Page   20 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description VDR Metal Oxide Varistors Standard

VDRS Datasheet (HTML) - Vishay Siliconix


VDRS Product details

FEATURES
• Low β high purity zinc oxide disc
• Halogen free insulating epoxy coating
• Straight leads and kinked leads
• Straight leads with flange
(VDRS05 and VDRS07 only)
• Certified for operation up to 85 °C according to
UL 1449 edition 4, VDE/IEC 61051-1/2
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

DESCRIPTION
The varistors consist of a disc of low-β ZnO ceramic material
with two solid copper leads (S20 types only) or copper clad
steel wire. The wires have a matte tin plating. They are
coated with UL 94 V-0 approved ocher colored halogen-free
epoxy, which provides electrical, mechanical and climatic
protection.




Similar Part No. - VDRS_V01

ManufacturerPart #DatasheetDescription
logo
CUI INC
VDRS-10 CUI-VDRS-10 Datasheet
191Kb / 4P
10 W MINI POWER SUPPLY
VDRS-10-12 CUI-VDRS-10-12 Datasheet
191Kb / 4P
10 W MINI POWER SUPPLY
VDRS-10-15 CUI-VDRS-10-15 Datasheet
191Kb / 4P
10 W MINI POWER SUPPLY
VDRS-10-24 CUI-VDRS-10-24 Datasheet
191Kb / 4P
10 W MINI POWER SUPPLY
VDRS-100 CUI-VDRS-100 Datasheet
268Kb / 4P
100 W MINI POWER SUPPLY
More results


Similar Description - VDRS_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
46500 VISHAY-46500 Datasheet
255Kb / 18P
VDR Metal Oxide Varistors Standard
07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
VDR Metal Oxide Varistors Standard
07-Jun-10
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
VDR Metal Oxide Varistors High Surge
29-Oct-12
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
VDR Metal Oxide Varistors Standard
07-Jun-10
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
SIOV metal oxide varistors Leaded varistors, StandarD series
logo
Vishay Siliconix
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
VDR Metal Oxide Varistors Standard
24-Jun-09
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
VDR Metal Oxide Varistors High Surge
19-Jun-15
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
VDR Metal Oxide Varistors Standard
19-Jun-15
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
VDR Metal Oxide Varistors High Surge
18-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com