Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV4LF0APC502MACV1M Datasheet (PDF) - Vishay Siliconix

RV4LF0APC502MACV1M Datasheet PDF - Vishay Siliconix
Part # RV4LF0APC502MACV1M
Download  RV4LF0APC502MACV1M Download
File Size   95.13 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Long Life / Heavy Duty Potentiometer

RV4LF0APC502MACV1M Datasheet (PDF)

Go To PDF Page Download Datasheet
RV4LF0APC502MACV1M Datasheet PDF - Vishay Siliconix

Part # RV4LF0APC502MACV1M
Download  RV4LF0APC502MACV1M Click to download

File Size   95.13 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Long Life / Heavy Duty Potentiometer

RV4LF0APC502MACV1M Datasheet (HTML) - Vishay Siliconix


RV4LF0APC502MACV1M Product details

FEATURES
• High power rating 2 W at 70 °C
• Sealed up to IP 67
• Low contact resistance variation (2 % typical)
• Robust nickel plated brass shaft
• Use of faston 2.86 connections
• Cermet element
• Center detent option
• Test according to IEC 60393-1
• Long life  200K cycle
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - RV4LF0APC502MACV1M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RV4LF0APC502MA VISHAY-RV4LF0APC502MA Datasheet
113Kb / 5P
Long Life / Heavy Duty Potentiometer
16-Mar-2020
More results


Similar Description - RV4LF0APC502MACV1M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
logo
Grayhill, Inc
68P GRAYHILL-68P Datasheet
905Kb / 2P
Long Life Potentiometer Substitute
logo
Bourns Electronic Solut...
2028-23 BOURNS-2028-23 Datasheet
162Kb / 2P
Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
PDF24 BOURNS-PDF24 Datasheet
486Kb / 2P
24 mm Long Life Potentiometer
logo
Vishay Siliconix
P10L VISHAY-P10L_17 Datasheet
105Kb / 5P
Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
04-Jul-17
P13L VISHAY-P13L Datasheet
152Kb / 7P
Long Life Cermet Potentiometer up to 2 Million Cycles
04-Jul-17
P30L VISHAY-P30L_17 Datasheet
158Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
04-Jul-17
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
Long Life Slide Potentiometer
logo
Vishay Siliconix
RV4L VISHAY-RV4L Datasheet
113Kb / 5P
Long Life / Heavy Duty Potentiometer
16-Mar-2020
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
25-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com