Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T11 Datasheet (PDF) - Vishay Siliconix

T11 Datasheet PDF - Vishay Siliconix
Part # T11_V01
Download  T11 Download
File Size   80.62 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 12.5 mm Square Modular Single-Turn Cermet Trimmer

T11 Datasheet (PDF)

Go To PDF Page Download Datasheet
T11 Datasheet PDF - Vishay Siliconix

Part # T11_V01
Download  T11 Click to download

File Size   80.62 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 12.5 mm Square Modular Single-Turn Cermet Trimmer

T11 Datasheet (HTML) - Vishay Siliconix


T11 Product details

FEATURES
• Knob included
• 0.5 W at 70 °C
• Industrial grade
• Up to 5 modules
• Switches and detents available
• Tests according to CECC 41000 or IEC 60393-1
• Available in conductive plastic
• High rotational life up to 2000 cycles
• X and Y styles
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - T11_V01

ManufacturerPart #DatasheetDescription
logo
FCI connector
T11-0002 FCI-CONNECTOR-T11-0002 Datasheet
453Kb / 5P
PLCC SMT Socket
logo
Schurter Inc.
T11-123AB-1.23 SCHURTER-T11-123AB-1.23 Datasheet
388Kb / 6P
Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-123AB-1.23 SCHURTER-T11-123AB-1.23 Datasheet
345Kb / 5P
Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-123AB-1.23 SCHURTER-T11-123AB-1.23 Datasheet
378Kb / 6P
Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-123AB-1.23 SCHURTER-T11-123AB-1.23 Datasheet
397Kb / 6P
Circuit Breaker for Equipment thermal, Snap-in type, Reset type, Quick connect terminals
More results


Similar Description - T11_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
04-Sep-07
T93XB503KT20 VISHAY-T93XB503KT20 Datasheet
116Kb / 6P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T11 VISHAY-T11_17 Datasheet
99Kb / 4P
12.5 mm Square Modular Single-Turn Cermet Trimmer
03-Apr-17
T73 VISHAY-T73_17 Datasheet
125Kb / 5P
1/4 Square Single-Turn Cermet Sealed Trimmer
23-Sep-15
TS3 VISHAY-TS3 Datasheet
120Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
31-Jan-17
T73 VISHAY-T73_V01 Datasheet
115Kb / 5P
1/4 Square Single-Turn Cermet Sealed Trimmer
31-Aug-2018
TS3 VISHAY-TS3_V01 Datasheet
114Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
02-Mar-18
M63P201KB40T607 VISHAY-M63P201KB40T607 Datasheet
88Kb / 3P
3/8 Square (10 mm) Single-Turn Cermet Trimmer
26-Jan-18
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
26-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com