Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10H20EV8 Datasheet (PDF) - NXP Semiconductors

10H20EV8 Datasheet PDF - NXP Semiconductors
Part # 10H20EV8
Download  10H20EV8 Download
File Size   269.08 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description ECL programmable array logic

10H20EV8 Datasheet (PDF)

Go To PDF Page Download Datasheet
10H20EV8 Datasheet PDF - NXP Semiconductors

Part # 10H20EV8
Download  10H20EV8 Click to download

File Size   269.08 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description ECL programmable array logic

10H20EV8 Datasheet (HTML) - NXP Semiconductors


10H20EV8 Product details

DESCRIPTION
The 10H20EV8/10020EV8 is an ultra high-speed universal ECL PAL® device. Combining versatile output macrocells with a standard AND/OR single programmable array, this device is ideal in implementing a user’s custom logic. The use of Philips Semiconductors state-of-the-art bipolar oxide isolation process enables the 10H20EV8/10020EV8 to achieve optimum speed in any design. The SNAP design software package from Philips Semiconductors simplifies design entry based upon Boolean or state equations.
The 10H20EV8/10020EV8 is a two-level logic element comprised of 11 fixed inputs, an input pin that can either be used as a clock or 12th input, 90 AND gates, and 8 Output Logic Macrocells. Each Output Macrocell can be individually configured as a dedicated input, dedicated output with polarity control, a bidirectional I/O, or as a registered output that has both output polarity control and feedback to the AND array. This gives the part the capability of having up to 20 inputs and eight outputs.
The 10H20EV8/10020EV8 has a variable number of product terms that can be OR’d per output. Four of the outputs have 12 AND terms available and the other four have 8 terms per output. This allows the designer the extra flexibility to implement those functions that he couldn’t in a standard PAL device.
Asynchronous Preset and Reset product terms are also included for system design ease. Each output has a separate output enable product term. Another feature added for the system designer is a power-up Reset on all registered outputs.
The 10H20EV8/10020EV8 also features the ability to Preload the registers to any desired state during testing. The Preload is not affected by the pattern within the device, so can be performed at any step in the testing sequence. This permits full logical verification even after the device has been patterned.

FEATURES
• Ultra high speed ECL device
   – tPD = 4.5ns (max)
   – tIS = 2.6ns (max)
   – tCKO = 2.3ns (max)
   – fMAX = 208MHz
• Universal ECL Programmable Array Logic
   – 8 user programmable output macrocells
   – Up to 20 inputs and 8 outputs
   – Individual user programmable output polarity
• Variable product term distribution allows increased design capability
• Asynchronous Preset and Reset capability
• 10KH and 100K options
• Power-up Reset and Preload function to
   enhance state machine design and testing
• Design support provided via SNAP and other CAD tools
• Security fuse for preventing design duplication
• Available in 24-Pin 300mil-wide DIP and 28-Pin PLCC.




Similar Part No. - 10H20EV8

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
10H200 THINKISEMI-10H200 Datasheet
1Mb / 3P
THINKI 10 Ampere,200 Volt Traditional Planar Process Schottky Barrier Rectifier
Rev.12T
More results


Similar Description - 10H20EV8

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PA7540 ANACHIP-PA7540 Datasheet
239Kb / 10P
PA7540 PEEL Array Programmable Electrically Erasable Logic Array
04-02-051B
logo
List of Unclassifed Man...
PA7024 ETC-PA7024 Datasheet
427Kb / 6P
Programmable Electrically Erasable Logic Array
logo
National Semiconductor ...
PAL20RA10 NSC-PAL20RA10 Datasheet
356Kb / 11P
PROGRAMMABLE ARRAY LOGIC(PAL)
PAL16RA8 NSC-PAL16RA8 Datasheet
328Kb / 10P
PROGRAMMABLE ARRAY LOGIC(PAL)
logo
List of Unclassifed Man...
82S100 ETC1-82S100 Datasheet
684Kb / 10P
Field Programmable Logic Array
logo
Anachip Corp
PA7536 ANACHIP-PA7536 Datasheet
246Kb / 10P
PEEL Array-TM Programmable Electrically Erasable Logic Array
04-02-052A
PA7572 ANACHIP-PA7572 Datasheet
323Kb / 10P
Programmable Electrically Erasable Logic Array
Rev. 1.0 Dec 16, 2004
logo
National Semiconductor ...
PAL1016P8 NSC-PAL1016P8 Datasheet
216Kb / 6P
3ns ECL ASPECT Programmable Array Logic
logo
Rhombus Industries Inc.
PECL3-0.5 RHOMBUS-IND-PECL3-0.5 Datasheet
21Kb / 1P
ECL Logic 3-Bit Programmable Delay Modules
PPECL2P25 RHOMBUS-IND-PPECL2P25 Datasheet
29Kb / 1P
100K ECL Logic 4-Bit Programmable Delay Modules
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com