Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA50R0-40-1X Datasheet (PDF) - Vishay Barry

TA50R0-40-1X Datasheet PDF - Vishay Barry
Part # TA50R0-40-1X
Download  TA50R0-40-1X Download
File Size   156.3 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 40W AlN Flanged Termination

TA50R0-40-1X Datasheet (PDF)

Go To PDF Page Download Datasheet
TA50R0-40-1X Datasheet PDF - Vishay Barry

Part # TA50R0-40-1X
Download  TA50R0-40-1X Click to download

File Size   156.3 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 40W AlN Flanged Termination

TA50R0-40-1X Datasheet (HTML) - Vishay Barry


TA50R0-40-1X Product details

TA50R0-40-1X Features:
• Flange Mount
• RoHS Compliant
• Customer Defined Testing Available
• High Rated Power
• Covered Resistor Element
• ±5% Resistor Tolerance

TA50R0-40-1X Parameters:
Operating Frequency: DC - 2.5GHz
Rated Power: 40W*
Return Loss (Typical)**: 20dB or Better
Impedance: 50Ω ±5%***
Resistor Construction: Thick Film on AlN
Flange Construction: Silver Plated Copper
Lead Construction: Silver Plated Copper
Operating Temperature: -55 to +150°C




Similar Part No. - TA50R0-40-1X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TA50R0-400-6X BARRY-TA50R0-400-6X Datasheet
162Kb / 2P
400W AlN Flanged Termination
REV.A OCT 27 2014
More results


Similar Description - TA50R0-40-1X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TA50R0-250-25X BARRY-TA50R0-250-25X Datasheet
165Kb / 2P
250W AlN Flanged Termination
REV.OCT 23 2014
TA50R0-800-9X BARRY-TA50R0-800-9X Datasheet
153Kb / 2P
800W AlN Flanged Termination
REV.OCT 28 2014
TA50R0-10-1X BARRY-TA50R0-10-1X Datasheet
151Kb / 2P
10W AlN Flanged Termination
REV. OCT 27 2014
TA50R0-10-3X BARRY-TA50R0-10-3X Datasheet
152Kb / 2P
10W AlN Flanged Termination
REV. OCT 27 2014
TA50R0-30-10X BARRY-TA50R0-30-10X Datasheet
152Kb / 2P
30W AlN Flanged Termination
REV.E OCT 27 2014
TA50R0-30-18X BARRY-TA50R0-30-18X Datasheet
153Kb / 2P
30W AlN Flanged Termination
REV.B OCT 27 2014
TA50R0-100-25X BARRY-TA50R0-100-25X Datasheet
156Kb / 2P
100W AlN Flanged Termination
REV.E OCT 22 2014
TA50R0-300-2X BARRY-TA50R0-300-2X Datasheet
171Kb / 2P
300W AlN Flanged Termination
REV.A OCT 23 2014
TA50R0-400-6X BARRY-TA50R0-400-6X Datasheet
162Kb / 2P
400W AlN Flanged Termination
REV.A OCT 27 2014
RAXXXX-40-1X BARRY-RAXXXX-40-1X Datasheet
165Kb / 2P
40W AlN Flanged Resistor
REV.G AUG 28 2014
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com