| Manufacturer | Part # | Datasheet | Description |
 FCI connector |
10028436
|
184Kb / 5P |
AIRMAX VS R/A HEADER ASSY PRESS-FIT I20 POS 22MM
|
 Amphenol Corporation |
AA24008000
|
233Kb / 5P |
AirMax VS RA HEADER ASSY PRESS-FIT
|
 FCI connector |
10043546
|
307Kb / 5P |
AirMax VS VERT RECPT ASSY
|
 Amphenol Corporation |
AA622-01000
|
113Kb / 2P |
AIRMAX VS RA HEADER ASSY POWER,PRESS-FIT,2X2 POS,12MM
|
 FCI connector |
10045267-101LF
|
320Kb / 5P |
AirMax VS R/A HEADER ASSY PRESS-FIT, 72 POSM 18MM
|
 Amphenol Communications... |
10052824
|
363Kb / 5P |
airmax vs r/a header assy press-fit, 72 pos, 20mm
Rev B |
|
10116601
|
915Kb / 4P |
AIRMAX VSE VERTICAL HEADER SMALL PRESS-FIT,54 POS,12MM
Rev E |
|
10028917
|
504Kb / 2P |
R/A HEADER ASSY 2X2 AIRMAX POWER
Rev. H |
|
10061289
|
309Kb / 2P |
R/A HEADER ASSY 2X3 POWER AIRMAX POWER
Rev. C |
|
10073379
|
708Kb / 3P |
R/A HEADER ASSY 2X2 AIRMAX POWER 11.5MM HEIGHT
Rev. G |