Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8056 Datasheet (PDF) - Analog Devices

LTM8056 Datasheet PDF - Analog Devices
Part # LTM8056
Download  LTM8056 Download
File Size   1559.8 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing

LTM8056 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM8056 Datasheet PDF - Analog Devices

Part # LTM8056
Download  LTM8056 Click to download

File Size   1559.8 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing

LTM8056 Datasheet (HTML) - Analog Devices


LTM8056 Product details

DESCRIPTION
The LTC®7878 is a high performance buck-boost switching
regulator controller that operates from an input voltage
above, below or equal to the output voltage. The constant-
frequency, peak current mode architecture allows
a phase-lockable switching frequency of up to 600kHz,
while a programmable input or output current loop regulates
the average input or output current accurately supporting
battery charging applications. With a wide 5V to
70V input and output range and seamless, low noise transitions
between operating regions, the LTC7878 is ideal
for industrial and telecom systems.
The LTC7878 features forced continuous mode (FCM)/
pulse-skipping mode operation. It supports multiphase/
multi-ICs parallel operation for high power applications.
Additional features include 7V N-Channel gate drivers,
smart EXTVCC auxiliary supply and programmable inductor
peak current limit. A PGOOD pin indicates when the
output is within 10% of its designed set point.
The LTC7878 is available in a low profile 32-Lead QFN package.

FEATURES
- Single Inductor Architecture Allows VIN Above, Below or Equal to the Regulated VOUT
- Synchronous Rectification: Up to 98% Efficiency
- Wide VIN Voltage Range: 5V to 70V
- ±1% Output Voltage Accuracy: 1V ≤ VOUT ≤ 70V
- DCR or RSENSE Current Sensing
- Peak Current Mode Control in Buck/Boost/Buck-Boost Mode
- Programmable Input or Output Current Regulation
- 7V NMOS Gate Drivers
- Phase-Lockable Frequency (100kHz to 600kHz)
- Multiphase/Multi-ICs Parallel Operation
- Selectable Continuous or Pulse-Skipping Mode Operation and Inductor Peak Current Limits
- Small 32-Lead 5mm × 5mm QFN Package

APPLICATIONS
- Industrial and Telecom Systems
- Distributed DC Power or Battery Systems




Similar Part No. - LTM8056

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8056 LINER-LTM8056 Datasheet
352Kb / 26P
38VIN Boost 關Module Regulator for LED Drive with 10A Switch
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
58VIN, 48VOUT Buck-Boost 關Module Regulator
LTM8056 LINER-LTM8056 Datasheet
1Mb / 26P
60VIN, 3A Silent Switcher 關Module Regulator
LTM8056 LINER-LTM8056 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
LTM8056 LINER-LTM8056 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
More results


Similar Description - LTM8056

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
logo
Texas Instruments
LM27402 TI-LM27402_15 Datasheet
2Mb / 48P
LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
logo
Linear Technology
LT8390 LINER-LT8390 Datasheet
1Mb / 32P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Analog Devices
LT8392 AD-LT8392 Datasheet
2Mb / 28P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com