Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1096150 Datasheet (PDF) - PHOENIX CONTACT

1096150 Datasheet PDF - PHOENIX CONTACT
Part # 1096150
Download  1096150 Download
File Size   812.95 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Feed-through plug - DFK-MSTB 2,5/ 5-STF-5,08-LR

1096150 Datasheet (PDF)

Go To PDF Page Download Datasheet
1096150 Datasheet PDF - PHOENIX CONTACT

Part # 1096150
Download  1096150 Click to download

File Size   812.95 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Feed-through plug - DFK-MSTB 2,5/ 5-STF-5,08-LR

1096150 Datasheet (HTML) - PHOENIX CONTACT


1096150 Product details

Feed-through connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A,
rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of
potentials: 5, number of rows: 1, number of positions: 5, number of connections: 5, product
range: DFK-MSTB 2,5/..-STF-LR, pitch: 5.08 mm, connection method: Screw connection with
tension sleeve, screw head form: L Slotted, conductor/PCB connection direction: 0 °, plug-in
system: COMBICON MSTB 2,5, Pin connector pattern alignment: Standard, locking: Snap-in
locking, mounting: Lock & release threaded flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Cable connection on the inside of the device enables flexible positioning of the panel feed-through
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1096150

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109615 ERNI-109615 Datasheet
42Kb / 1P
MiniMez Male with Ejector DIP solder w/o clips w/o peg BM
logo
PHOENIX CONTACT
1096151 PHOENIX-1096151 Datasheet
803Kb / 24P
Feed-through plug - DFK-MSTB 2,5/ 3-STF-5,08-LR
Dec 30, 2022
1096152 PHOENIX-1096152 Datasheet
174Kb / 12P
Feed-through plug - DFK-MSTB 2,5/ 2-STF-5,08-LR
09/12/2020
More results


Similar Description - 1096150

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1095511 PHOENIX-1095511 Datasheet
174Kb / 12P
Feed-through plug - DFK-MSTB 2,5/14-STF-5,08-LR
09/10/2020
1096152 PHOENIX-1096152 Datasheet
174Kb / 12P
Feed-through plug - DFK-MSTB 2,5/ 2-STF-5,08-LR
09/12/2020
1096145 PHOENIX-1096145 Datasheet
829Kb / 25P
Feed-through plug - DFK-MSTB 2,5/ 9-STF-5,08-LR
May 10, 2022
1098052 PHOENIX-1098052 Datasheet
830Kb / 25P
Feed-through plug - DFK-MSTB 2,5/ 4-STF-5,08-LR
May 10, 2022
1095509 PHOENIX-1095509 Datasheet
804Kb / 24P
Feed-through plug - DFK-MSTB 2,5/16-STF-5,08-LR
Jan 3, 2023
1096146 PHOENIX-1096146 Datasheet
813Kb / 24P
Feed-through plug - DFK-MSTB 2,5/ 8-STF-5,08-LR
Jan 3, 2023
1096142 PHOENIX-1096142 Datasheet
810Kb / 24P
Feed-through plug - DFK-MSTB 2,5/12-STF-5,08-LR
Jan 5, 2023
1096144 PHOENIX-1096144 Datasheet
811Kb / 24P
Feed-through plug - DFK-MSTB 2,5/10-STF-5,08-LR
Jan 4, 2023
1095729 PHOENIX-1095729 Datasheet
781Kb / 24P
DFK-MSTB 2,5/13-STF-5,08-LR - Feed-through plug
1096143 PHOENIX-1096143 Datasheet
779Kb / 24P
DFK-MSTB 2,5/11-STF-5,08-LR - Feed-through plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com