Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1708404 Datasheet (PDF) - PHOENIX CONTACT

1708404 Datasheet PDF - PHOENIX CONTACT
Part # 1708404
Download  1708404 Download
File Size   588.04 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - IPC 5/ 4-G-7,62

1708404 Datasheet (PDF)

Go To PDF Page Download Datasheet
1708404 Datasheet PDF - PHOENIX CONTACT

Part # 1708404
Download  1708404 Click to download

File Size   588.04 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - IPC 5/ 4-G-7,62

1708404 Datasheet (HTML) - PHOENIX CONTACT


1708404 Product details

PCB headers, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 630 V, contact surface: Tin, type of contact: Female connector, number of potentials: 4,
number of rows: 1, number of positions: 4, number of connections: 4, product range: IPC 5/..-G,
pitch: 7.62 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 5 mm,
number of solder pins per potential: 3, plug-in system: COMBICON PC 5, Pin connector pattern
alignment: Standard, locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Inverted header with socket contacts for touch-proof device outputs or PCB/PCB connections
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations




Similar Part No. - 1708404

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170840 FESTO-170840 Datasheet
92Kb / 1P
Guided actuator
More results


Similar Description - 1708404

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1708417 PHOENIX-1708417 Datasheet
118Kb / 4P
IPC 5/ 5-G-7,62
1828948 PHOENIX-1828948 Datasheet
402Kb / 9P
PCB header - GICV 2,5/ 5-G-7,62
02/04/2022
1192661 PHOENIX-1192661 Datasheet
452Kb / 11P
PCB header - PCH 6/ 54-G-7,62 P26THR
Jul 20, 2022
1720521 PHOENIX-1720521 Datasheet
891Kb / 19P
PCB header - PC 5/ 8-G-7,62
Jul 21, 2022
1804810 PHOENIX-1804810 Datasheet
975Kb / 16P
PCB header - PC 4/ 4-G-7,62
Jul 21, 2022
1720589 PHOENIX-1720589 Datasheet
441Kb / 14P
PCB header - PCV 5/ 3-G-7,62
Nov 30, 2022
1804713 PHOENIX-1804713 Datasheet
417Kb / 11P
PCB header - PCV 4/ 5-G-7,62
Nov 30, 2022
1708381 PHOENIX-1708381 Datasheet
563Kb / 15P
PCB header - IPC 5/ 2-G-7,62
Jan 4, 2023
1720505 PHOENIX-1720505 Datasheet
461Kb / 15P
PCB header - PC 5/ 6-G-7,62
Jan 4, 2023
1708624 PHOENIX-1708624 Datasheet
424Kb / 13P
IPC 5/ 4-GU-7,62 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com