Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2702863 Datasheet (PDF) - PHOENIX CONTACT

2702863 Datasheet PDF - PHOENIX CONTACT
Part # 2702863
Download  2702863 Download
File Size   4129.38 Kbytes
Page   39 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Wireless module - RAD-2400-IFS-JP

2702863 Datasheet (PDF)

Go To PDF Page Download Datasheet
2702863 Datasheet PDF - PHOENIX CONTACT

Part # 2702863
Download  2702863 Click to download

File Size   4129.38 Kbytes
Page   39 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Wireless module - RAD-2400-IFS-JP

2702863 Datasheet (HTML) - PHOENIX CONTACT


2702863 Product details

Radioline - 2.4 GHz wireless transceiver with RS-232/RS-485 interface, can be extended with
I/O modules, RSMA (female) antenna connection, point-to-point, star, and mesh networks up to
250 stations, range of up to 5 km (with a clear line of sight), for use in Japan

Product Description
Radioline is the new wireless system for large systems. Special features include extremely easy assignment of inputs and outputs by simply turning
the thumbwheel - without any programming. Radioline transmits I/O signals (I/O mode) or serial data (serial mode) and is therefore very versatile.
Alternatively, I/O signals can now also be connected to controllers directly using the Modbus protocol (PLC/Modbus RTU mode).
In addition, you can implement various network structures: from a simple point-to-point connection to complex mesh networks. Thanks to the latest
Trusted Wireless technology, Radioline is the ideal choice for industrial use.

Your advantages
• Approval for Japan
• License-free 2.4 GHz frequency band
• Range of several kilometers thanks to adjustable data rates for the wireless interface
• Quick and easy startup without programming
• High degree of reliability due to Trusted Wireless 2.0 technology (AES encryption, frequency hopping method, and coexistence management)
• Mesh networks of up to 250 devices
• Integrated RS-232/RS-485 interface
• Modular extension with up to 32 I/O extension modules supported
• Extended temperature range of -40 °C … +70 °C




Similar Part No. - 2702863

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702860 PHOENIX-2702860 Datasheet
64Kb / 4P
Antenna - FL LCX CABLE 5 E
12/24/2021
2702864 PHOENIX-2702864 Datasheet
461Kb / 11P
Communication module - AXL F MA DALI2 1H
Dec 9, 2022
More results


Similar Description - 2702863

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901533 PHOENIX-2901533 Datasheet
804Kb / 11P
I/O extension module - RAD-DAIO6-IFS
2902811 PHOENIX-2902811 Datasheet
86Kb / 5P
I/O extension module - RAD-DO8-IFS
105366 PHOENIX-105366 Datasheet
660Kb / 15P
RAD-PT100-4-IFS
106318 PHOENIX-106318 Datasheet
466Kb / 19P
RAD-RS485-IFS
2316275 PHOENIX-2316275 Datasheet
103Kb / 8P
I/O extension module - RAD-NAM4-IFS
09/12/2020
2702290 PHOENIX-2702290 Datasheet
119Kb / 8P
I/O extension module - RAD-AI4-U-IFS
09/12/2020
1081818 PHOENIX-1081818 Datasheet
2Mb / 28P
Wireless module - RAD-EE-2400-RS485
Dec 6, 2022
2702184 PHOENIX-2702184 Datasheet
3Mb / 32P
Communication module - RAD-RS485-IFS
Dec 6, 2022
2702877 PHOENIX-2702877 Datasheet
442Kb / 15P
Wireless module - RAD-900-DAIO6
Dec 6, 2022
2702878 PHOENIX-2702878 Datasheet
966Kb / 35P
Wireless module - RAD-900-IFS-AU
Dec 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com