Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLT6427E Datasheet (PDF) - Central Semiconductor Corp

CMLT6427E Datasheet PDF - Central Semiconductor Corp
Part # CMLT6427E
Download  CMLT6427E Download
File Size   65.75 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description ENHANCED SPECIFICATION SURFACE MOUNT, PICOmini SILICON NPN DARLINGTON TRANSISTOR

CMLT6427E Datasheet (PDF)

Go To PDF Page Download Datasheet
CMLT6427E Datasheet PDF - Central Semiconductor Corp

Part # CMLT6427E
Download  CMLT6427E Click to download

File Size   65.75 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description ENHANCED SPECIFICATION SURFACE MOUNT, PICOmini SILICON NPN DARLINGTON TRANSISTOR

CMLT6427E Datasheet (HTML) - Central Semiconductor Corp


CMLT6427E Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLT6427E is an Enhanced Specification silicon NPN Darlington transistor. High DC current gains, coupled with a low saturation voltage, make this an excellent choice for industrial/consumer applications where operational efficiency and small size are top priority.

MARKING CODE: C64

FEATURES:
• High current (500mA Max)
• High DC current gain (15K Min)
• Low saturation voltage (VCE(SAT)= 0.8V Max)
• High input impedance
• SOT-563 surface mount package

APPLICATIONS:
• Motor drivers
• Relay drivers
• Pre-amplifier input applications
• Voltage regulator controls




Similar Part No. - CMLT6427E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT6427E CENTRAL-CMLT6427E Datasheet
447Kb / 3P
SURFACE MOUNT SILICON NPN DARLINGTON TRANSISTOR
CMLT6427E CENTRAL-CMLT6427E_10 Datasheet
524Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN DARLINGTON SILICON TRANSISTOR
More results


Similar Description - CMLT6427E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT491E CENTRAL-CMLT491E Datasheet
92Kb / 2P
SURFACE MOUNT PICOmini NPN SILICON TRANSISTOR
CMLT5078E CENTRAL-CMLT5078E Datasheet
122Kb / 2P
ENHANCED SPECIFICATION PICOmini SURFACE MOUNT SILICON DUAL TRANSISTORS
CMPT2222AE CENTRAL-CMPT2222AE Datasheet
142Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMPTA14E CENTRAL-CMPTA14E Datasheet
140Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMST6427E CENTRAL-CMST6427E Datasheet
93Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON NPN DARLINGTON TRANSISTOR
CXT5551E CENTRAL-CXT5551E Datasheet
127Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CZT5551E CENTRAL-CZT5551E Datasheet
152Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMLT6427E CENTRAL-CMLT6427E_10 Datasheet
524Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN DARLINGTON SILICON TRANSISTOR
CMPT491E CENTRAL-CMPT491E_10 Datasheet
397Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMST6427E CENTRAL-CMST6427E_10 Datasheet
411Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com