Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNS471 Datasheet (PDF) - Vishay Siliconix

CNS471 Datasheet PDF - Vishay Siliconix
Part # CNS471
Download  CNS471 Download
File Size   84.05 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)

CNS471 Datasheet (PDF)

Go To PDF Page Download Datasheet
CNS471 Datasheet PDF - Vishay Siliconix

Part # CNS471
Download  CNS471 Click to download

File Size   84.05 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)

CNS471 Datasheet (HTML) - Vishay Siliconix


CNS471 Product details

FEATURES
• Tight TCR tracking down to 2.5 ppm typical
• Low voltage coefficient < 0.02 ppm/V
• Low noise index < - 30 dB
• 5 decades: 1 k to 9 M
• 6 decades: 100  to 9 M
• High stability 0.01 % on ratio (1000 h at Pn at
+70 °C)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - CNS471

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNS471 VISHAY-CNS471 Datasheet
348Kb / 2P
Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
12-Jul-06
CNS471 VISHAY-CNS471 Datasheet
322Kb / 3P
Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
12-Jul-06
CNS471 VISHAY-CNS471 Datasheet
91Kb / 3P
Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
28-Aug-13
CNS471A5 VISHAY-CNS471A5 Datasheet
348Kb / 2P
Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
12-Jul-06
CNS471A5 VISHAY-CNS471A5 Datasheet
322Kb / 3P
Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
12-Jul-06
More results


Similar Description - CNS471

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNS471 VISHAY-CNS471 Datasheet
348Kb / 2P
Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
12-Jul-06
logo
List of Unclassifed Man...
RN1220 ETC-RN1220 Datasheet
45Kb / 1P
Thin Film Chip Resistor Networks
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
Dual In-Line Precision Thin Film Resistor Networks
logo
Vishay Siliconix
100-267 VISHAY-100-267 Datasheet
227Kb / 3P
Decade Divider, Single In-Line Network
03-Aug-07
CNS471 VISHAY-CNS471_08 Datasheet
322Kb / 3P
Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
12-Jul-06
VTF2 VISHAY-VTF2 Datasheet
751Kb / 9P
Conformal, Single In-Line Resistor Networks (Standard)
05-Mar-08
logo
Bi technologies
688 BITECH-688_12 Datasheet
351Kb / 4P
Precision Thin Film .300??Dual In-Line Surface Mount Resistor Networks
logo
Vishay Siliconix
CNS471 VISHAY-CNS471_17 Datasheet
91Kb / 3P
Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
28-Aug-13
100267 VISHAY-100267 Datasheet
70Kb / 3P
Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
15-Sep-2021
TDP VISHAY-TDP_V01 Datasheet
91Kb / 4P
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com