Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC139FT Datasheet (PDF) - Toshiba Semiconductor

74VHC139FT Datasheet PDF - Toshiba Semiconductor
Part # 74VHC139FT
Download  74VHC139FT Download
File Size   176.19 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC139FT Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC139FT Datasheet PDF - Toshiba Semiconductor

Part # 74VHC139FT
Download  74VHC139FT Click to download

File Size   176.19 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC139FT Datasheet (HTML) - Toshiba Semiconductor


74VHC139FT Product details

Functional Description
• Dual 2-to-4 Line Decoder

General
The 74VHC139FT is an advanced high speed CMOS 2 to 4 LINE DECODER/DEMULTIPLEXER fabricated with
silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS
low power dissipation.
The active low enable input can be used for gating or it can be used as a data input for demultiplexing applications.
When the enable input is held High, all four outputs are fixed at a high logic level independent of the other inputs.
An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply
voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched supply and input voltages.

Features
(1) AEC-Q100 (Rev. H) (Note 1)
(2) Wide operating temperature: Topr = -40 to 125 
(3) High speed: tpd = 5.0 ns (typ.) at VCC = 5 V
(4) Low power dissipation: ICC = 4.0 μA (max) at Ta = 25 
(5) High noise immunity: VNIH = VNIL = 28 % VCC (min)
(6) Power down protection is provided on all inputs.
(7) Balanced propagation delays: tPLH ≈ tPHL
(8) Wide operating voltage range: VCC(opr) = 2.0 V to 5.5 V
(9) Pin and function compatible with 74 series(AC/HC/AHC/LV etc.)139 type.




Similar Part No. - 74VHC139FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
Jun-1999
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
293Kb / 12P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
12-Nov-2004
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
77Kb / 6P
Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
More results


Similar Description - 74VHC139FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com