Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC174FT Datasheet (PDF) - Toshiba Semiconductor

74VHC174FT Datasheet PDF - Toshiba Semiconductor
Part # 74VHC174FT
Download  74VHC174FT Download
File Size   178.32 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC174FT Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC174FT Datasheet PDF - Toshiba Semiconductor

Part # 74VHC174FT
Download  74VHC174FT Click to download

File Size   178.32 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC174FT Datasheet (HTML) - Toshiba Semiconductor


74VHC174FT Product details

Functional Description
• Hex D-Type Flip-Flop with Clear

General
The 74VHC174FT is an advanced high speed CMOS HEX D-TYPE FLIP FLOP fabricated with silicon gate
C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS
low power dissipation.
Information signals applied to D inputs are transferred to the Q output on the positive going edge of the clock pulse.
When the CLR input is held low, the Q output are in the low logic level independent of the other inputs.
An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply
voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched supply and input voltages.

Features
(1) AEC-Q100 (Rev. H) (Note 1)
(2) Wide operating temperature range: Topr = -40 to 125 
(3) High speed: fMAX = 175 MHz (typ.) at VCC = 5 V
(4) Low power dissipation: ICC = 4.0 μA (max) at Ta = 25
(5) High noise immunity: VNIH = VNIL = 28% VCC (min)
(6) Power-down protection is provided on all inputs.
(7) Balanced propagation delays: tPLH ≈ tPHL
(8) Wide operating voltage range: VCC(opr) = 2.0 V to 5.5 V
(9) Low noise: VOLP = 0.8 V (max)
(10) Pin and function compatible with 74ALS174.




Similar Part No. - 74VHC174FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC174 STMICROELECTRONICS-74VHC174 Datasheet
71Kb / 10P
HEX D-TYPE FLIP FLOP WITH CLEAR
Jun-1999
74VHC174 STMICROELECTRONICS-74VHC174 Datasheet
312Kb / 14P
HEX D-TYPE FLIP FLOP WITH CLEAR
12-Nov-2004
74VHC174M STMICROELECTRONICS-74VHC174M Datasheet
71Kb / 10P
HEX D-TYPE FLIP FLOP WITH CLEAR
Jun-1999
74VHC174MTR STMICROELECTRONICS-74VHC174MTR Datasheet
312Kb / 14P
HEX D-TYPE FLIP FLOP WITH CLEAR
12-Nov-2004
74VHC174T STMICROELECTRONICS-74VHC174T Datasheet
71Kb / 10P
HEX D-TYPE FLIP FLOP WITH CLEAR
Jun-1999
More results


Similar Description - 74VHC174FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com