Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC373FT Datasheet (PDF) - Toshiba Semiconductor

74VHC373FT Datasheet PDF - Toshiba Semiconductor
Part # 74VHC373FT
Download  74VHC373FT Download
File Size   181.18 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC373FT Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC373FT Datasheet PDF - Toshiba Semiconductor

Part # 74VHC373FT
Download  74VHC373FT Click to download

File Size   181.18 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC373FT Datasheet (HTML) - Toshiba Semiconductor


74VHC373FT Product details

Functional Description
• Octal D-Type Latch with 3-State Outputs

General
The 74VHC373FT is an advanced high speed CMOS OCTAL LATCH with 3-STATE OUTPUT fabricated with
silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS
low power dissipation.
This 8-bit D-type latch is controlled by a latch enable input (LE) and an output enable input (OE).
When the OE input is high, the eight outputs are in a high impedance state.
An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply
voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched supply and input voltages.

Features
(1) AEC-Q100 (Rev. H) (Note 1)
(2) Wide operating temperature range: Topr = -40 to 125 
(3) High speed: Propagation delay time = 5.0 ns (typ.) at VCC = 5.0 V
(4) Low power dissipation: ICC = 4.0 μA (max) at Ta = 25
(5) High noise immunity: VNIH = VNIL = 28% VCC (min)
(6) Power-down protection is provided on all inputs.
(7) Balanced propagation delays: tPLH ≈ tPHL
(8) Wide operating voltage range: VCC(opr) = 2.0 V to 5.5 V
(9) Low noise: VOLP = 0.8 V (max)
(10) Pin and function compatible with the 74 series
(74AC/HC/AHC/LV etc.) 373 type.




Similar Part No. - 74VHC373FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
logo
Fairchild Semiconductor
74VHC373 FAIRCHILD-74VHC373 Datasheet
104Kb / 8P
Octal D-Type Latch with 3-STATE Outputs
logo
STMicroelectronics
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
306Kb / 14P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
12-Nov-2004
logo
Fairchild Semiconductor
74VHC373 FAIRCHILD-74VHC373 Datasheet
209Kb / 9P
Octal D-Type Latch with 3-STATE Outputs
logo
ON Semiconductor
74VHC373 ONSEMI-74VHC373 Datasheet
280Kb / 11P
Octal D-Type Latch with 3-STATE Outputs
April 2007 Rev. 1.3
More results


Similar Description - 74VHC373FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com