Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1858824 Datasheet (PDF) - PHOENIX CONTACT

1858824 Datasheet PDF - PHOENIX CONTACT
Part # 1858824
Download  1858824 Download
File Size   588.23 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - GMSTB 2,5/ 8-STF-7,62

1858824 Datasheet (PDF)

Go To PDF Page Download Datasheet
1858824 Datasheet PDF - PHOENIX CONTACT

Part # 1858824
Download  1858824 Click to download

File Size   588.23 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - GMSTB 2,5/ 8-STF-7,62

1858824 Datasheet (HTML) - PHOENIX CONTACT


1858824 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 630 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 8, number of rows: 1, number of positions: 8, number of connections: 8, product
range: GMSTB 2,5/..-STF, pitch: 7.62 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: -
without locking clip, plug-in system: COMBICON MSTB 2,5, locking: Screw locking, mounting:
Screw flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Screwable flange for superior mechanical stability
• Larger pitch for increased voltage requirements
• Allows connection of two conductors




Similar Part No. - 1858824

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
185880 FESTO-185880 Datasheet
116Kb / 2P
Air solenoid valve
7/28/22
logo
PHOENIX CONTACT
1858808 PHOENIX-1858808 Datasheet
87Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 6-STF-7,62
1858808 PHOENIX-1858808 Datasheet
154Kb / 5P
GMSTBV 2,5/ 6-GF-7,62
1858811 PHOENIX-1858811 Datasheet
70Kb / 5P
Printed-circuit board connector - GMSTB 2,5/ 7-STF-7,62
logo
Festo Corporation.
185883 FESTO-185883 Datasheet
124Kb / 2P
Air solenoid valve
7/28/22
More results


Similar Description - 1858824

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1858772 PHOENIX-1858772 Datasheet
89Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 3-STF-7,62
1858798 PHOENIX-1858798 Datasheet
188Kb / 5P
GMSTB 2,5/ 5-STF-7,62
1875140 PHOENIX-1875140 Datasheet
88Kb / 2P
GMSTB 2,5/ 6-STF-7,62 AU
1806083 PHOENIX-1806083 Datasheet
141Kb / 5P
FRONT-GMSTB 2,5/10-STF-7,62
1858866 PHOENIX-1858866 Datasheet
130Kb / 5P
GMSTB 2,5/12-STF-7,62
1806009 PHOENIX-1806009 Datasheet
77Kb / 6P
Plug - FRONT-GMSTB 2,5/ 4-STF-7,62
1858840 PHOENIX-1858840 Datasheet
70Kb / 5P
Printed-circuit board connector - GMSTB 2,5/10-STF-7,62
1872211 PHOENIX-1872211 Datasheet
55Kb / 4P
Printed-circuit board connector - GMSTB 2,5/ 8-STF-7,62 AU
1858811 PHOENIX-1858811 Datasheet
70Kb / 5P
Printed-circuit board connector - GMSTB 2,5/ 7-STF-7,62
1808530 PHOENIX-1808530 Datasheet
55Kb / 4P
GMSTB 2,5/ 3-STF-7,62 BK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com