Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1877627 Datasheet (PDF) - PHOENIX CONTACT

1877627 Datasheet PDF - PHOENIX CONTACT
Part # 1877627
Download  1877627 Download
File Size   538.84 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MDSTBVA 2,5/ 2-GL-5,08

1877627 Datasheet (PDF)

Go To PDF Page Download Datasheet
1877627 Datasheet PDF - PHOENIX CONTACT

Part # 1877627
Download  1877627 Click to download

File Size   538.84 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MDSTBVA 2,5/ 2-GL-5,08

1877627 Datasheet (HTML) - PHOENIX CONTACT


1877627 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 4,
number of rows: 2, number of positions: 2, number of connections: 4, product range: MDSTBVA
2,5/..-G, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard, The article can be aligned to create different nos. of positions! In
combination with MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an
MVSTBR plug (or FKCVR) must be used. Combination with TMSTBP plug components is not
possible!

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1877627

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
187762 FESTO-187762 Datasheet
125Kb / 2P
Proportional pressure control valve
logo
Weidmuller
1877620000 WEIDMULLER-1877620000 Datasheet
489Kb / 5P
SL-SMT 5.08HC/05/270GH 1.5SN BK RL
More results


Similar Description - 1877627

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1845413 PHOENIX-1845413 Datasheet
81Kb / 5P
Base strip - MDSTBVA 2,5/10-G-5,08
1845332 PHOENIX-1845332 Datasheet
175Kb / 12P
Feed-through header - MDSTBVA 2,5/ 2-G-5,08
1874730 PHOENIX-1874730 Datasheet
98Kb / 5P
Base strip - MDSTBVA 2,5/ 3-GL
1874769 PHOENIX-1874769 Datasheet
311Kb / 15P
Feed-through header - MDSTBVA 2,5/ 3-GR-5,08
09/12/2020
1877630 PHOENIX-1877630 Datasheet
539Kb / 16P
PCB header - MDSTBVA 2,5/ 2-GR-5,08
Nov 30, 2022
1825695 PHOENIX-1825695 Datasheet
651Kb / 14P
PCB header - ICV 2,5/ 2-GF-5,08
Jan 10, 2023
1845374 PHOENIX-1845374 Datasheet
656Kb / 19P
PCB header - MDSTBVA 2,5/ 6-G-5,08
Jan 4, 2023
1845439 PHOENIX-1845439 Datasheet
588Kb / 18P
PCB header - MDSTBVA 2,5/12-G-5,08
Jan 3, 2023
1938948 PHOENIX-1938948 Datasheet
269Kb / 9P
PCB header - MDSTB 2,5/ 2-G1-5,08
Jan 3, 2023
1926015 PHOENIX-1926015 Datasheet
225Kb / 8P
PCB header - MSTBA 2,5/ 2-G-5,08-RN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com