Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1883048 Datasheet (PDF) - PHOENIX CONTACT

1883048 Datasheet PDF - PHOENIX CONTACT
Part # 1883048
Download  1883048 Download
File Size   452.52 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - ZEC 1,5/ 2-ST-5,0 C2 R1,2

1883048 Datasheet (PDF)

Go To PDF Page Download Datasheet
1883048 Datasheet PDF - PHOENIX CONTACT

Part # 1883048
Download  1883048 Click to download

File Size   452.52 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - ZEC 1,5/ 2-ST-5,0 C2 R1,2

1883048 Datasheet (HTML) - PHOENIX CONTACT


1883048 Product details

PCB direct plug, nominal cross section: 1.5 mm2, color: green, nominal current: 10 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 2, number of rows: 1, number of positions: 2, number of connections: 2, product
range: ZEC 1,5/..-ST, pitch: 5 mm, connection method: Spring-cage connection, mounting: Direct
plug-in method, conductor/PCB connection direction: 0 °, plug-in system: ZEC, locking: Snap-in
locking, mounting: Self-locking flange, type of packaging: packed in cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Inexpensive direct plug-in connection with just one component
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Plug-in direction parallel to the PCB




Similar Part No. - 1883048

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
188304 FESTO-188304 Datasheet
94Kb / 1P
Short-stroke cylinder
More results


Similar Description - 1883048

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756605 PHOENIX-1756605 Datasheet
90Kb / 3P
Printed-circuit board connector - ZEC 1,5/ 2-ST-5,0 C1,2 R1,2
11/04/2018
1883129 PHOENIX-1883129 Datasheet
127Kb / 6P
Printed-circuit board connector - ZEC 1,5/10-ST-5,0 C2 R1,10
09/12/2020
1883158 PHOENIX-1883158 Datasheet
125Kb / 6P
Printed-circuit board connector - ZEC 1,5/ 3-ST-7,5 C2 R1,3
09/12/2020
1883161 PHOENIX-1883161 Datasheet
125Kb / 6P
Printed-circuit board connector - ZEC 1,5/ 4-ST-7,5 C2 R1,4
09/12/2020
1883187 PHOENIX-1883187 Datasheet
108Kb / 6P
Printed-circuit board connector - ZEC 1,5/ 6-ST-7,5 C2 R1,6
09/12/2020
1883064 PHOENIX-1883064 Datasheet
452Kb / 11P
Printed-circuit board connector - ZEC 1,5/ 4-ST-5,0 C2 R1,4
Jan 3, 2023
1883093 PHOENIX-1883093 Datasheet
466Kb / 12P
Printed-circuit board connector - ZEC 1,5/ 7-ST-5,0 C2 R1,7
Dec 30, 2022
1883080 PHOENIX-1883080 Datasheet
456Kb / 11P
ZEC 1,5/ 6-ST-5,0 C2 R1,6 - Printed-circuit board connector
1883077 PHOENIX-1883077 Datasheet
457Kb / 11P
ZEC 1,5/ 5-ST-5,0 C2 R1,5 - Printed-circuit board connector
1883103 PHOENIX-1883103 Datasheet
452Kb / 12P
ZEC 1,5/ 8-ST-5,0 C2 R1,8 - Printed-circuit board connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com