Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1912634 Datasheet (PDF) - PHOENIX CONTACT

1912634 Datasheet PDF - PHOENIX CONTACT
Part # 1912634
Download  1912634 Download
File Size   319.53 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MVSTBR 2,5 HC/ 3-STF-5,08

1912634 Datasheet (PDF)

Go To PDF Page Download Datasheet
1912634 Datasheet PDF - PHOENIX CONTACT

Part # 1912634
Download  1912634 Click to download

File Size   319.53 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MVSTBR 2,5 HC/ 3-STF-5,08

1912634 Datasheet (HTML) - PHOENIX CONTACT


1912634 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A (see
derating curve), rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Female
connector, number of potentials: 3, number of rows: 1, number of positions: 3, number of
connections: 3, product range: MVSTBR 2,5 HC/..-STF, pitch: 5.08 mm, connection method:
Screw connection with tension sleeve, screw head form: L Slotted, conductor/PCB connection
direction: 90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5 HC, locking:
Screw locking, mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Screwable flange for superior mechanical stability




Similar Part No. - 1912634

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
191263 FESTO-191263 Datasheet
91Kb / 1P
Adapter kit
More results


Similar Description - 1912634

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1161208 PHOENIX-1161208 Datasheet
776Kb / 19P
PCB connector - MVSTBR 2,5/ 3-STF-5,08 BUBDWH
Jul 20, 2022
1912197 PHOENIX-1912197 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 3-STF-5,08
Jul 20, 2022
1912621 PHOENIX-1912621 Datasheet
321Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 2-STF-5,08
Dec 30, 2022
1912647 PHOENIX-1912647 Datasheet
323Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 4-STF-5,08
1912566 PHOENIX-1912566 Datasheet
398Kb / 14P
MVSTBR 2,5 HC/ 7-STF - PCB connector
1835216 PHOENIX-1835216 Datasheet
642Kb / 15P
MVSTBR 2,5/14-STF-5,08 - PCB connector
1912689 PHOENIX-1912689 Datasheet
323Kb / 11P
MVSTBR 2,5 HC/ 8-STF-5,08 - PCB connector
1835229 PHOENIX-1835229 Datasheet
657Kb / 16P
MVSTBR 2,5/15-STF-5,08 - PCB connector
1912414 PHOENIX-1912414 Datasheet
411Kb / 15P
MVSTBR 2,5 HC/ 3-ST-5,08 - PCB connector
1912537 PHOENIX-1912537 Datasheet
400Kb / 14P
MVSTBR 2,5 HC/ 4-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com