Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51220116 Datasheet (PDF) - Coolgear Inc.

51220116 Datasheet PDF - Coolgear Inc.
Part # 51220116
Download  51220116 Download
File Size   573.15 Kbytes
Page   1 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description USB 3. 0 A/M TO Micro B /M

51220116 Datasheet (PDF)

Go To PDF Page Download Datasheet
51220116 Datasheet PDF - Coolgear Inc.

Part # 51220116
Download  51220116 Click to download

File Size   573.15 Kbytes
Page   1 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description USB 3. 0 A/M TO Micro B /M

51220116 Datasheet (HTML) - Coolgear Inc.




Similar Part No. - 51220116

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
51220115 COOLGEAR-51220115 Datasheet
591Kb / 1P
USB 3.0 A/M TO Micro B/M
Rev A
More results


Similar Description - 51220116

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3023007-01M QUALTEK-3023007-01M Datasheet
567Kb / 1P
MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023009-01M QUALTEK-3023009-01M Datasheet
557Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
3023017-02M QUALTEK-3023017-02M Datasheet
580Kb / 1P
USB 3.0 A/M - MICRO USB 3.0 B/M
3023019-02M QUALTEK-3023019-02M Datasheet
566Kb / 1P
MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023021-02M QUALTEK-3023021-02M Datasheet
556Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
3023031-03M QUALTEK-3023031-03M Datasheet
566Kb / 1P
MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023033-03M QUALTEK-3023033-03M Datasheet
554Kb / 1P
MICRO USB 3.0 A B/M - USB 3.0 B/M
logo
Tripp Lite. All Rights ...
U050-003 TRIPPLITE-U050-003 Datasheet
155Kb / 2P
USB 2.0 A to Micro-B Cable (M/M), 3-ft.
U050-003-COIL TRIPPLITE-U050-003-COIL Datasheet
159Kb / 2P
USB 2.0 A to Micro-B Coiled Cable (M/M), 3 ft.
logo
Coolgear Inc.
51220115 COOLGEAR-51220115 Datasheet
591Kb / 1P
USB 3.0 A/M TO Micro B/M
Rev A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com