| Manufacturer | Part # | Datasheet | Description |
 Amphenol Corporation |
282103
|
73Kb / 1P |
1.0/2.3 CRIMP PLUG (FOR RG-174/U, 188/U, 316/U CABLE)
|
|
C031-70331
|
43Kb / 1P |
MINI BNC CRIMP JACK (FOR RG-316/U, 174/U, 188A/U CABLE)
|
|
C031-70332
|
48Kb / 1P |
MINI BNC BULKHEAD CRIMP JACK (FOR RG-179/U, 187A/U CABLE)
|
|
C031-70335
|
44Kb / 1P |
MINI BNC CRIMP PLUG (FOR RG-316/U, 174/U, 188A/U CABLE)
|
 Amphenol RF. |
112132-12
|
111Kb / 1P |
BNC CRIMP PLUG FOR (RG-174/U, 188/U,316/U CABLE)
16-May-11 |
|
112234-13
|
73Kb / 1P |
BNC BULKHEAD CRIMP JACK (FOR RG-174/U,188A/U,316/U)
07/14/10 |
|
112530
|
69Kb / 1P |
BNC PANEL CRIMP JACL (FOR RG-174/U, 188A/U, 316/U, 316U/D CABLE)
12/21/11 |
 CONEC Elektronische Bau... |
132A23019X
|
223Kb / 1P |
COAXIAL CONTACT SOCKET 90°, 50 Ohm inner outer conductor for crimp termination for cable RG 174/U, 188A/U, 316/U
20.03.14 |
|
132J23019X
|
223Kb / 1P |
COAXIAL CONTACT SOCKET 90°, 50 Ohm inner outer conductor for crimp termination for cable RG 174/U, 188A/U, 316/U
20.03.14 |
 Amphenol Aerospace Oper... |
AMPHS07308-1
|
78Kb / 1P |
MCX R/A CRIMP PLUG RG 174/u, 188/u, 316/u, CABLE
11/13/06 |