| Manufacturer | Part # | Datasheet | Description |
 Amphenol Corporation |
282103
|
73Kb / 1P |
1.0/2.3 CRIMP PLUG (FOR RG-174/U, 188/U, 316/U CABLE)
|
|
C031-70331
|
43Kb / 1P |
MINI BNC CRIMP JACK (FOR RG-316/U, 174/U, 188A/U CABLE)
|
|
C031-70332
|
48Kb / 1P |
MINI BNC BULKHEAD CRIMP JACK (FOR RG-179/U, 187A/U CABLE)
|
|
C031-70335
|
44Kb / 1P |
MINI BNC CRIMP PLUG (FOR RG-316/U, 174/U, 188A/U CABLE)
|
 Amphenol RF. |
112132-12
|
111Kb / 1P |
BNC CRIMP PLUG FOR (RG-174/U, 188/U,316/U CABLE)
16-May-11 |
|
112234-13
|
73Kb / 1P |
BNC BULKHEAD CRIMP JACK (FOR RG-174/U,188A/U,316/U)
07/14/10 |
|
112526T
|
36Kb / 1P |
BNC R/A CRIMP PLUG (FOR RG-223/U, 55/U, 142A/U, 400/U)
12/11/07 |
|
112530
|
69Kb / 1P |
BNC PANEL CRIMP JACL (FOR RG-174/U, 188A/U, 316/U, 316U/D CABLE)
12/21/11 |
|
31-320-RFX
|
148Kb / 1P |
bnC CRIMP PLUG FOR RG-142A/U, 400/U CABLE, 50OHM
11-Jul-16 |
|
36775
|
92Kb / 1P |
BNC PLUG QUICK CRIMP (FOR RG-58/U, 141/U CABLE)
27-Dec-10 |