Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG-PCIEPCIX4 Datasheet (PDF) - Coolgear Inc.

CG-PCIEPCIX4 Datasheet PDF - Coolgear Inc.
Part # CG-PCIEPCIX4
Download  CG-PCIEPCIX4 Download
File Size   544.05 Kbytes
Page   2 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description  CG-PCIEPCIX4

CG-PCIEPCIX4 Datasheet (PDF)

Go To PDF Page Download Datasheet
CG-PCIEPCIX4 Datasheet PDF - Coolgear Inc.

Part # CG-PCIEPCIX4
Download  CG-PCIEPCIX4 Click to download

File Size   544.05 Kbytes
Page   2 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description  CG-PCIEPCIX4

CG-PCIEPCIX4 Datasheet (HTML) - Coolgear Inc.


CG-PCIEPCIX4 Product details

The PCI 4 slot expansion box makes it possible to expand your
systems PCI slot availability by adding 4 additional slots. Very easy
to install and connect, the PCIe to PCI X4 is the right add-on
peripheral for your Desktop or Workstation needs.
Adds four PCI bus slots to your system
Supports 1-lane 2.5Gb/s ExpressCard Data Transfer Rate
12VDC AC power supply included for operation
Supports both 5V and 3.3V PCI Add-in Cards




Similar Part No. - CG-PCIEPCIX4

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
CG-PCIEPCIX4IPS COOLGEAR-CG-PCIEPCIX4IPS Datasheet
639Kb / 2P
PCIe to PCIx4 Expansion Box MX with Internal Power Supply
More results


Similar Description - CG-PCIEPCIX4

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1207721 PHOENIX-1207721 Datasheet
44Kb / 2P
Replacement part - CF 3000 CG 0,5
1207734 PHOENIX-1207734 Datasheet
45Kb / 2P
Replacement part - CF 3000 CG 0,75
1207747 PHOENIX-1207747 Datasheet
45Kb / 2P
Replacement part - CF 3000 CG 1,0
1207750 PHOENIX-1207750 Datasheet
45Kb / 2P
Replacement part - CF 3000 CG 1,5
1207763 PHOENIX-1207763 Datasheet
45Kb / 2P
Replacement part - CF 3000 CG 2,5
logo
HARTING Technology Grou...
10-40-331-1115 HARTING-10-40-331-1115 Datasheet
624Kb / 2P
Han HPR SP3 185mm짼 shielded w/ CG
2021-10-01
logo
PHOENIX CONTACT
1662133 PHOENIX-1662133 Datasheet
44Kb / 1P
Cable gland - SAB-CG/PG 9
12/07/2018
logo
Coolgear Inc.
CG-POEIJVV COOLGEAR-CG-POEIJVV Datasheet
364Kb / 1P
CG-POEiJVV
5/03/2023
logo
Lapp.
10383400 LAPP-10383400 Datasheet
127Kb / 2P
EPIC® MCS 10 CG / MCB 10 CG
31.03.2021
10383600 LAPP-10383600 Datasheet
134Kb / 2P
EPIC® MCS 20 CG / MCB 20 CG
17.09.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com