Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG-UCUSBPDB Datasheet (PDF) - Coolgear Inc.

CG-UCUSBPDB Datasheet PDF - Coolgear Inc.
Part # CG-UCUSBPDB
Download  CG-UCUSBPDB Download
File Size   125.57 Kbytes
Page   3 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description USB-C to USB-B Power Delivery USB 3.1 Adapter w/Mounting Kit

CG-UCUSBPDB Datasheet (PDF)

Go To PDF Page Download Datasheet
CG-UCUSBPDB Datasheet PDF - Coolgear Inc.

Part # CG-UCUSBPDB
Download  CG-UCUSBPDB Click to download

File Size   125.57 Kbytes
Page   3 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description USB-C to USB-B Power Delivery USB 3.1 Adapter w/Mounting Kit

CG-UCUSBPDB Datasheet (HTML) - Coolgear Inc.


CG-UCUSBPDB Product details

Compliant with USB3.1 Gen 1 and Gen 2
• One Type-C Connector Supports DFP Devices
• One Type-B USB3.1 Gen 1/Gen 2 UFP Connector for Host
• Supports USB PD (Power Delivery), work as a Source
• Detachable Mounting Kit for Wall or DIN Rail Mounting Options
• DC Power Input: 18~20V DC, from DC Jack or TB
• Supports Default 4 Source PDOs: 20V/5A, 14.5V/2A, 12V/3A and 5V/3A
• Output Negotiated Power over Terminal Blocks




Similar Part No. - CG-UCUSBPDB

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
CG-UCUSBPD COOLGEAR-CG-UCUSBPD Datasheet
1Mb / 2P
USB-C to USB-A Power Delivery Adapter with Mounting Kit
Rev 01.200716
More results


Similar Description - CG-UCUSBPDB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632910731131 ETC2-632910731131 Datasheet
314Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Wurth Elektronik GmbH &...
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Phihong USA Inc.
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Advantech Co., Ltd.
PSA-A45W ADVANTECH-PSA-A45W Datasheet
427Kb / 2P
45 Watt Power Delivery USB-C Adapter
3-Dec-2019
logo
List of Unclassifed Man...
USBCM311M0USBCMMMWHR ETC-USBCM311M0USBCMMMWHR Datasheet
171Kb / 5P
USB C MALE 3.1 to USB C MALE 3.1, GT Cable
08/23/2022
USBCM313M0USBCMMMWHR ETC-USBCM313M0USBCMMMWHR Datasheet
174Kb / 6P
USB C MALE 3.1 to USB C MALE 3.1, GT Cable
08/23/2022
logo
Coolgear Inc.
CG-UCUSBPD COOLGEAR-CG-UCUSBPD Datasheet
1Mb / 2P
USB-C to USB-A Power Delivery Adapter with Mounting Kit
Rev 01.200716
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com