Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EWM-W151H01E Datasheet (PDF) - Advantech Co., Ltd.

EWM-W151H01E Datasheet PDF - Advantech Co., Ltd.
Part # EWM-W151H01E
Download  EWM-W151H01E Download
File Size   467.13 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 21.5" Full HD LED LCD Stationary Multi-Touch Panel Computer

EWM-W151H01E Datasheet (PDF)

Go To PDF Page Download Datasheet
EWM-W151H01E Datasheet PDF - Advantech Co., Ltd.

Part # EWM-W151H01E
Download  EWM-W151H01E Click to download

File Size   467.13 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 21.5" Full HD LED LCD Stationary Multi-Touch Panel Computer

EWM-W151H01E Datasheet (HTML) - Advantech Co., Ltd.


EWM-W151H01E Product details

Features
ƒ 21.5" Full HD TFT LED LCD display
ƒ Intel® Skylake Core™ i3-6100U 2.3 GHz processor (Dual-Core)
ƒ 16:9 wide screen with PCT multi-touch
ƒ Built-in function and home key buttons for intuitive UI
ƒ Anti-scratch touch surface: 7H hardness
ƒ All-round IP66 protection with waterproof M12 connector
ƒ Supports Mini-PCIe expansion slot
ƒ Front LED indicator to show operating status
ƒ Fanless cooling system
ƒ Winner of the 2013 iF product design award




Similar Part No. - EWM-W151H01E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EWM-W151H01E ADVANTECH-EWM-W151H01E Datasheet
287Kb / 1P
Advantech 802.11 b/g/n Mini PCIe Card
EWM-W151H01E ADVANTECH-EWM-W151H01E Datasheet
452Kb / 1P
Advantech 802.11 b/g/n Mini PCIe Card
EWM-W151H01E ADVANTECH-EWM-W151H01E Datasheet
524Kb / 2P
21.5 Full HD TFT LED LCD Industrial Multi-Touch Panel PC with Stainless Steel Chassis and IP69K Rating
5-Jan-2021
EWM-W151H01E ADVANTECH-EWM-W151H01E Datasheet
861Kb / 2P
17" SXGA TFT LED LCD Touch Panel 17" SXGA TFT LED LCD Touch Panel Computer with 4th Gen. Intel® Core™ i3 Processor
5-Jan-2021
EWM-W151H01E ADVANTECH-EWM-W151H01E Datasheet
745Kb / 2P
18.5" HD TFT LED LCD Multi-Touch Panel Computer with 4th Gen. Intel® Core™ i3/ i7 Processor
5-Jan-2021
More results


Similar Description - EWM-W151H01E

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACD-521D AAEON-ACD-521D Datasheet
373Kb / 2P
21.5??Full HD Infotainment Multi-Touch Display
logo
Advantech Co., Ltd.
SPC-1840WP-T3AE ADVANTECH-SPC-1840WP-T3AE Datasheet
533Kb / 2P
18.5" WXGA TFT LED LCD stationary Multi-Touch Panel Computer with AMD dual-core processor
SPC-2140WP-T3AE ADVANTECH-SPC-2140WP-T3AE Datasheet
502Kb / 2P
21.5" Full HD TFT LED LCD stationary Multi-Touch Panel Computer
TPC-2140WP-T3AE ADVANTECH-TPC-2140WP-T3AE Datasheet
416Kb / 2P
21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-core processor
logo
Axiomtek Co., Ltd.
GOT3217W-881-PCT AXIOMTEK-GOT3217W-881-PCT Datasheet
483Kb / 2P
21.5 Full HD TFT Fanless Multi-Touch Panel Computer with LGA1150 Socket 4th Generation Intel Core
logo
LG Semicon Co.,Ltd.
LM215WF3 LG-LM215WF3 Datasheet
597Kb / 32P
21.5??Full HD TFT LCD
logo
Advantech Co., Ltd.
IPPC-5211WS ADVANTECH-IPPC-5211WS Datasheet
524Kb / 2P
21.5 Full HD TFT LED LCD Industrial Multi-Touch Panel PC with Stainless Steel Chassis and IP69K Rating
5-Jan-2021
SPC-815 ADVANTECH-SPC-815 Datasheet
543Kb / 2P
15.6" HD TFT LED LCD/21.5" Full HD TFT LED LCD Standalone Multi-Touch Panel Computer
24-Jun-2022
SPC-815M ADVANTECH-SPC-815M Datasheet
544Kb / 2P
15.6" HD TFT LED LCD/21.5" Full HD TFT LED LCD Standalone Multi-Touch Industrial Monitor
24-Jun-2022
TPC-2140WP ADVANTECH-TPC-2140WP Datasheet
495Kb / 2P
21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-Core Processor
27-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com