Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAJ240310 Datasheet (PDF) - Renesas Technology Corp

RAJ240310 Datasheet PDF - Renesas Technology Corp
Part # RAJ240310
Download  RAJ240310 Download
File Size   3565.02 Kbytes
Page   65 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 to 10 Series Li-ion Battery Manager

RAJ240310 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAJ240310 Datasheet PDF - Renesas Technology Corp

Part # RAJ240310
Download  RAJ240310 Click to download

File Size   3565.02 Kbytes
Page   65 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 to 10 Series Li-ion Battery Manager

RAJ240310 Datasheet (HTML) - Renesas Technology Corp


RAJ240310 Product details

1.1 Features
◼ Common
3-series to 10-series Cell Fuel Gauge IC (FGIC)
RL78 Ultra Low Power MCU (S3 core)
◼ Memory
Code flash memory: 64KB
Data flash memory (up to 100,000 erase/write cycles): 4KB
SRAM / 4KB
◼ Clock generator
High speed on-chip oscillator: up to 32 MHz
Low speed on-chip oscillator: 15 KHz
AFE on-chip oscillator: 4.19 MHz
AFE low speed on-chip oscillator: 131.072 KHz
◼ General Purpose I/O Ports
Total: 15 pins
CMOS input/output: 6
CMOS input: 2
N-ch open drain input/output [6.5V tolerance]: 2
N-ch open drain input/output [VREG2 tolerance]: 2
High voltage input/output [VCC tolerance]: 3
◼ Serial Interface
CSI (SPI): 1 channel
I2C: 1 channel
UART: 2 channels
Simplified I2C: 1 channel
◼ Timer
MCU 16-bit timer: 5 channels
MCU 12-bit interval timer: 1 channel
AFE timer: 2 channels
- AFE timer A: setting range: 125 msec to 64 sec
- AFE timer B: setting range: 30.52 usec to 2 sec
◼ Embedded A/D converter
AFE 15-bit resolution delta-sigma A/D converter
◼ Current measurement circuit
AFE 18-bit resolution delta-sigma A/D converter
◼ Battery cell voltage and temperature (AN port voltage)
detection circuit
Monitoring over/under voltage and temperature by sigmadelta
A/D converter (AFE) without controlling from MCU
◼ Impedance measurement circuit
Simultaneous measurement of battery voltage and current
◼ Over current detection circuit
Short circuit: 1 filter
Discharge over current: 4 filters
Charge over current: 1 filter
Charge wakeup: 1 filter
Discharge wakeup: 1 filter
◼ Series regulator
3.3 V output (> 20mA)
◼ Charge and Discharge MOSFETs control
Low side N-ch Dual MOSFETs drive circuit embedded
Support individual FET control
◼ Ultra Low Power consumption mode
Power down mode: 1uA
Power down mode with PON timer: 2uA
Sleep mode 1: 25uA (DFET and CFET off)
Sleep mode 2: 40uA (DFET and CFET on)
In Sleep mode 2, enable all H/W protection function
◼ Additional features
Internal Cell Balancing Circuit (>10mA)
Internal Watchdog Timer (MCU)
MCU Runaway Detection Circuit (AFE)
4 Thermistor Sensor Ports with On-chip Pull-up Resistors
Integrated Hardware Diagnostics function
Load detection circuit
Random cell connection tolerant
◼ Voltage and temperature condition
Power supply voltage: VCC = 8.0 to 50V
Operating Ambient Temperature: Ta = -40°C to 85°C
◼ Package information
40pin QFN Package ([Body] 5 mm x 5 mm, 0.4 mm pitch)




Similar Part No. - RAJ240310

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAJ240310 RENESAS-RAJ240310 Datasheet
1Mb / 60P
4 to 10 Cell Battery Front End and Protector
Jul 27, 2022
More results


Similar Description - RAJ240310

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
1-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
December 14, 2012
ISL94212INZ INTERSIL-ISL94212INZ Datasheet
2Mb / 96P
Multi-Cell Li-Ion Battery Manager
April 23, 2015
ISL78600ANZ INTERSIL-ISL78600ANZ Datasheet
809Kb / 22P
Multi-Cell Li-Ion Battery Manager
January 20, 2015
logo
Texas Instruments
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
Li-Ion Battery Pack Manager
logo
Intersil Corporation
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
Multi-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
Multi-Cell Li-Ion Battery Manager
RAJ240045 RENESAS-RAJ240045_V01 Datasheet
3Mb / 60P
2 to 4 Series Li-ion Battery Manager
Feb. 23, 2018
RAJ240071 RENESAS-RAJ240071 Datasheet
5Mb / 58P
2 to 5 Series Li-ion Battery Manager
Dec. 14, 2018
RAJ240090 RENESAS-RAJ240090_V01 Datasheet
3Mb / 85P
3 to 10 Series Li-ion Battery Manager
Jan.17, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com