Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

272-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

272-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 272-SERIES
Download  272-SERIES Download
File Size   142.35 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 272 Series High Speed Card Edge Connectors | SAS Connector 1.27mm Signal Pitch 0.80mm SCSI Pitch | Pressfit | Receptacle

272-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
272-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 272-SERIES
Download  272-SERIES Click to download

File Size   142.35 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 272 Series High Speed Card Edge Connectors | SAS Connector 1.27mm Signal Pitch 0.80mm SCSI Pitch | Pressfit | Receptacle

272-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


272-SERIES Product details

Features

  • Data rate: 16 Gbps
  • Number of contacts: 29 and 68
  • Available in Right Angle SMT, Vertical SMT, and Vertical Press-fit
  • Available in receptacle and plug type
  • SAS 3.0 and PCIe 3.0 Compliant
  • Application: Server, Data storage, Switch




Similar Part No. - 272-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
272-029-631-002 EDAC-272-029-631-002 Datasheet
230Kb / 2P
272 Series,High Speed Card Edge Connectors | SAS Connector 1.27mm Signal Pitch 0.80mm SCSI Pitch | Pressfit | Receptacle
logo
WAGO Kontakttechnik Gmb...
272-101 WAGO-272-101 Datasheet
184Kb / 4P
Netzanschlussklemme; ohne Drücker; ohne Rastfüße; ohne PE-Kontakt; 1-polig; 2,50 mm²; weiß
12.07.2023
logo
Winchester Electronics ...
272-910-0630C WINCHESTER-272-910-0630C Datasheet
56Kb / 1P
RDM 75 OHM RIGHT ANGLE PLUG
More results


Similar Description - 272-SERIES

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879450001 MOLEX10-0879450001 Datasheet
271Kb / 6P
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Right Angle, Surface Mount
0878390011 MOLEX10-0878390011 Datasheet
426Kb / 6P
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
0879751001 MOLEX10-0879751001 Datasheet
332Kb / 6P
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Right Angle, Surface Mount
0878390019 MOLEX10-0878390019 Datasheet
426Kb / 6P
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
0878390018 MOLEX10-0878390018 Datasheet
426Kb / 6P
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
logo
EDAC, All Rights Reserv...
271-SERIES EDAC-271-SERIES Datasheet
142Kb / 1P
271 Series High Speed Card Edge Connectors | SAS Connector 1.27mm Signal Pitch 0.80mm SCSI Pitch | 68 Pin | Plug
273-SERIES EDAC-273-SERIES Datasheet
142Kb / 1P
273 Series High Speed Card Edge Connectors | SAS Connector 1.27mm Signal Pitch 0.80mm SCSI Pitch | Receptacle
271-068-629-002 EDAC-271-068-629-002 Datasheet
656Kb / 2P
271 Series,High Speed Card Edge Connectors | SAS Connector 1.27mm Signal Pitch 0.80mm SCSI Pitch | 68 Pin | Plug
272-029-631-002 EDAC-272-029-631-002 Datasheet
230Kb / 2P
272 Series,High Speed Card Edge Connectors | SAS Connector 1.27mm Signal Pitch 0.80mm SCSI Pitch | Pressfit | Receptacle
273-029-629-002 EDAC-273-029-629-002 Datasheet
169Kb / 2P
273 Series,High Speed Card Edge Connectors | SAS Connector 1.27mm Signal Pitch 0.80mm SCSI Pitch | Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com