Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

395-ISA-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

395-ISA-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 395-ISA-SERIES
Download  395-ISA-SERIES Download
File Size   240.49 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 395-ISA Series Card Edge Connector | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | ISA Standards | 0.600" (15.24mm) Insulator Height

395-ISA-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
395-ISA-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 395-ISA-SERIES
Download  395-ISA-SERIES Click to download

File Size   240.49 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 395-ISA Series Card Edge Connector | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | ISA Standards | 0.600" (15.24mm) Insulator Height

395-ISA-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


395-ISA-SERIES Product details

Features

  • For IBM-AT Industry Standard Architecture
  • .100" (2.54mm) Contact Spacing x .200" (5.08mm) Row Spacing
  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board
  • High Profile Insulator Body, .600" (15.24mm) Divided in Groups of 62 and 36 Contacts
  • Contact Termination Options include P.C. Tail, Wire Wrap, 90 Degree and Extender Board Bends
  • Automatic Wire Wrap Positioning Holes
  • Accepts between Contact and In-Contact Polarizing Keys
  • RoHS Compliant & UL Certified




Similar Part No. - 395-ISA-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
395-005-520-101 EDAC-395-005-520-101 Datasheet
277Kb / 3P
395 Series Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
395-005-520-101 EDAC-395-005-520-101 Datasheet
64Kb / 2P
395 Series,Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
395-005-520-102 EDAC-395-005-520-102 Datasheet
277Kb / 3P
395 Series Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
395-005-520-102 EDAC-395-005-520-102 Datasheet
65Kb / 2P
395 Series,Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
395-005-520-103 EDAC-395-005-520-103 Datasheet
277Kb / 3P
395 Series Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results


Similar Description - 395-ISA-SERIES

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
PCI/ISA Backplanes
PCA-6120P4-0B2E ADVANTECH-PCA-6120P4-0B2E Datasheet
128Kb / 1P
PCI/ISA Backplanes
PCA-6115QP2X-0A2E ADVANTECH-PCA-6115QP2X-0A2E Datasheet
176Kb / 1P
PCI/ISA Backplanes
PCA-6108E-0C2E ADVANTECH-PCA-6108E-0C2E Datasheet
2Mb / 2P
Pure ISA Backplanes
logo
Protech Systems Co., Lt...
ISA-825LF PROTECHSYSTEMS-ISA-825LF Datasheet
339Kb / 2P
ISA Intel Atom?
logo
AAEON Technology
HSB-LN2I AAEON-HSB-LN2I Datasheet
311Kb / 2P
isa expansion
logo
Texas Instruments
TMS34094 TI1-TMS34094 Datasheet
322Kb / 38P
ISA BUS INTERFACE
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
ISA I/O
logo
EDAC, All Rights Reserv...
345-SERIES EDAC-345-SERIES Datasheet
277Kb / 3P
345 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
395-SERIES EDAC-395-SERIES Datasheet
277Kb / 3P
395 Series Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com