Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

495-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

495-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 495-SERIES
Download  495-SERIES Download
File Size   281.4 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 495 Series Edge Connector | DIN 41612

495-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
495-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 495-SERIES
Download  495-SERIES Click to download

File Size   281.4 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 495 Series Edge Connector | DIN 41612

495-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


495-SERIES Product details

Features

  • High density 96 Contact 3 Row Metal-to-Metal Connector on 2.54mm (.100”) Grid
  • Contacts: 90° Bend
  • Contact Material and Finish: CA725 with selective gold plating and tin on tails:
  • CLASS 3: 2- Gold Flash Plating
  • CLASS 2: 3- 15u" of Gold Plating
  • CLASS 1: 6- 30u" of Gold Plating
  • Contact Tails: 0.6 x 0.5mm (.024” x .020”)
  • Contact Spacing: 2.54 x 2.54mm (.100” x .100”) single, double or triple rows; or 2.54 x 5.08mm (.100” x .200”) single, double or triple rows.
  • Available in: 16, 32, 48, 64, and 96 positions
  • Connectors designed to meet DIN 41612-C (Male) specifications




Similar Part No. - 495-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
495-008-260-122 EDAC-495-008-260-122 Datasheet
146Kb / 1P
495 Series,Edge Connector | DIN 41612
495-008-660-122 EDAC-495-008-660-122 Datasheet
146Kb / 1P
495 Series,Edge Connector | DIN 41612
495-015-360-322 EDAC-495-015-360-322 Datasheet
147Kb / 1P
495 Series,Edge Connector | DIN 41612
495-015-660-322 EDAC-495-015-660-322 Datasheet
147Kb / 1P
495 Series,Edge Connector | DIN 41612
495-016-260-112 EDAC-495-016-260-112 Datasheet
147Kb / 1P
495 Series,Edge Connector | DIN 41612
More results


Similar Description - 495-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
495-008-260-122 EDAC-495-008-260-122 Datasheet
146Kb / 1P
495 Series,Edge Connector | DIN 41612
495-008-660-122 EDAC-495-008-660-122 Datasheet
146Kb / 1P
495 Series,Edge Connector | DIN 41612
495-015-360-322 EDAC-495-015-360-322 Datasheet
147Kb / 1P
495 Series,Edge Connector | DIN 41612
495-015-660-322 EDAC-495-015-660-322 Datasheet
147Kb / 1P
495 Series,Edge Connector | DIN 41612
495-016-260-112 EDAC-495-016-260-112 Datasheet
147Kb / 1P
495 Series,Edge Connector | DIN 41612
495-016-360-112 EDAC-495-016-360-112 Datasheet
147Kb / 1P
495 Series,Edge Connector | DIN 41612
495-016-660-112 EDAC-495-016-660-112 Datasheet
147Kb / 1P
495 Series,Edge Connector | DIN 41612
495-016-660-122 EDAC-495-016-660-122 Datasheet
148Kb / 1P
495 Series,Edge Connector | DIN 41612
495-024-260-322 EDAC-495-024-260-322 Datasheet
147Kb / 1P
495 Series,Edge Connector | DIN 41612
495-024-660-322 EDAC-495-024-660-322 Datasheet
147Kb / 1P
495 Series,Edge Connector | DIN 41612
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com