Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

633W-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

633W-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 633W-SERIES
Download  633W-SERIES Download
File Size   202.6 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 633W Series D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Plug

633W-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
633W-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 633W-SERIES
Download  633W-SERIES Click to download

File Size   202.6 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 633W Series D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Plug

633W-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


633W-SERIES Product details

Features


  • High Density Waterproof D-Sub

  • .090"(2.29mm) Contact Spacing x .078"(1.98mm) Row Spacing

  • Plug and Receptacle in 15, 26 or 44 Contact Pin Sizes

  • Pin Contact Mating Design with P.C. Tail Termination in Right Angle, Straight or Solder Cup Termination

  • Plug Shell Indents Provide Grounding and Additional Mating Retention

  • Grounding Feature include Two Prong Boardlock for Exceptional Retention to P.C. Board

  • Mounting Options for Panel Mount or Connector Mating include Threaded Inserts or Threaded Standoffs

  • D-Shaped Connector Mating Outline provides Polarization

  • Degree of Protection: IP67 as per IEC60529




Similar Part No. - 633W-SERIES

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
633 OSCILENT-633 Datasheet
141Kb / 2P
Low Frequencies
logo
Adafruit Industries
633 ADAFRUIT-633 Datasheet
96Kb / 2P
Electroluminescent (EL) Tape/Strip Starter Pack - 100cm - Blue
7/27/2015
logo
HellermannTyton.
633-01010 HELLERMANNTYTON-633-01010 Datasheet
106Kb / 2P
Cable Protection Systems
December 2021
logo
List of Unclassifed Man...
633-015-232-010 ETC2-633-015-232-010 Datasheet
1Mb / 2P
High-density three contact rows with .350 (8.89) footprint right angle bend
633-015-232-020 ETC2-633-015-232-020 Datasheet
1Mb / 2P
High-density three contact rows with .350 (8.89) footprint right angle bend
More results


Similar Description - 633W-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
633-W15-362-012 EDAC-633-W15-362-012 Datasheet
90Kb / 1P
633W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Plug
634-W44-662-012 EDAC-634-W44-662-012 Datasheet
110Kb / 1P
634W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Receptacle
633-W15-262-012 EDAC-633-W15-262-012 Datasheet
90Kb / 1P
633W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Plug
633-W15-662-012 EDAC-633-W15-662-012 Datasheet
90Kb / 1P
633W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Plug
633-W26-262-012 EDAC-633-W26-262-012 Datasheet
95Kb / 1P
633W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Plug
633-W26-362-012 EDAC-633-W26-362-012 Datasheet
95Kb / 1P
633W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Plug
633-W26-662-012 EDAC-633-W26-662-012 Datasheet
95Kb / 1P
633W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Plug
633-W44-262-012 EDAC-633-W44-262-012 Datasheet
103Kb / 1P
633W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Plug
633-W44-362-012 EDAC-633-W44-362-012 Datasheet
103Kb / 1P
633W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Plug
633-W44-662-012 EDAC-633-W44-662-012 Datasheet
103Kb / 1P
633W Series,D-Sub Connectors | Waterproof | High Density | 0.090" (2.29mm) Contact Spacing x 0.078" (1.98mm) Row Spacing | Right Angle | Plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com