Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

637W-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

637W-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 637W-SERIES
Download  637W-SERIES Download
File Size   194.93 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 637W Series D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Plug

637W-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
637W-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 637W-SERIES
Download  637W-SERIES Click to download

File Size   194.93 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 637W Series D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Plug

637W-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


637W-SERIES Product details

Features


  • High Density Waterproof D-Sub

  • .090"(2.29mm) Contact Spacing x .078"(1.98mm) Row Spacing

  • Plug and Receptacle in 15, 26 or 44 Contact Pin Sizes

  • Pin Contact Mating Design with P.C. Tail Termination in Right Angle, Straight or Solder Cup Termination

  • Plug Shell Indents Provide Grounding and Additional Mating Retention

  • Grounding Feature include Two Prong Boardlock for Exceptional Retention to P.C. Board

  • Mounting Options for Panel Mount or Connector Mating include Threaded Inserts or Threaded Standoffs

  • D-Shaped Connector Mating Outline provides Polarization

  • Degree of Protection: IP67 as per IEC60529




Similar Part No. - 637W-SERIES

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
637 JMK-637 Datasheet
106Kb / 1P
This series is designed for use where very high DC current must be filtered in a very tight area.
logo
Oscilent Corporation
637 OSCILENT-637 Datasheet
135Kb / 2P
IC Applicable
logo
EDAC, All Rights Reserv...
637-015-010-051 EDAC-637-015-010-051 Datasheet
1Mb / 4P
637 Series D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Plug
637-015-010-051 EDAC-637-015-010-051 Datasheet
78Kb / 1P
637 Series,D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Plug
637-015-010-052 EDAC-637-015-010-052 Datasheet
1Mb / 4P
637 Series D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Plug
More results


Similar Description - 637W-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
637-W15-321-012 EDAC-637-W15-321-012 Datasheet
87Kb / 1P
637W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Plug
637-W15-622-012 EDAC-637-W15-622-012 Datasheet
87Kb / 1P
637W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Plug
637-W26-221-012 EDAC-637-W26-221-012 Datasheet
90Kb / 1P
637W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Plug
637-W26-321-012 EDAC-637-W26-321-012 Datasheet
91Kb / 1P
637W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Plug
637-W26-322-012 EDAC-637-W26-322-012 Datasheet
90Kb / 1P
637W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Plug
637-W26-621-012 EDAC-637-W26-621-012 Datasheet
91Kb / 1P
637W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Plug
637-W26-622-012 EDAC-637-W26-622-012 Datasheet
90Kb / 1P
637W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Plug
637-W44-221-012 EDAC-637-W44-221-012 Datasheet
96Kb / 1P
637W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Plug
637-W44-321-012 EDAC-637-W44-321-012 Datasheet
96Kb / 1P
637W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Plug
637-W44-622-012 EDAC-637-W44-622-012 Datasheet
96Kb / 1P
637W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com