Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

638W-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

638W-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 638W-SERIES
Download  638W-SERIES Download
File Size   194.93 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 638W Series D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Receptacle

638W-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
638W-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 638W-SERIES
Download  638W-SERIES Click to download

File Size   194.93 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 638W Series D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Receptacle

638W-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


638W-SERIES Product details

Features


  • High Density Waterproof D-Sub

  • .090"(2.29mm) Contact Spacing x .078"(1.98mm) Row Spacing

  • Plug and Receptacle in 15, 26 or 44 Contact Pin Sizes

  • Pin Contact Mating Design with P.C. Tail Termination in Right Angle, Straight or Solder Cup Termination

  • Plug Shell Indents Provide Grounding and Additional Mating Retention

  • Grounding Feature include Two Prong Boardlock for Exceptional Retention to P.C. Board

  • Mounting Options for Panel Mount or Connector Mating include Threaded Inserts or Threaded Standoffs

  • D-Shaped Connector Mating Outline provides Polarization

  • Degree of Protection: IP67 as per IEC60529




Similar Part No. - 638W-SERIES

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
638 OSCILENT-638 Datasheet
135Kb / 2P
Surface Mountable
logo
Walther-Werke
638 WALTHER-638 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
EDAC, All Rights Reserv...
638-015-010-051 EDAC-638-015-010-051 Datasheet
1Mb / 4P
638 Series D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Receptacle
638-015-010-051 EDAC-638-015-010-051 Datasheet
80Kb / 1P
638 Series,D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Receptacle
638-015-010-052 EDAC-638-015-010-052 Datasheet
1Mb / 4P
638 Series D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Receptacle
More results


Similar Description - 638W-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
638-W15-221-012 EDAC-638-W15-221-012 Datasheet
89Kb / 1P
638W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Receptacle
638-W15-222-012 EDAC-638-W15-222-012 Datasheet
89Kb / 1P
638W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Receptacle
638-W15-621-012 EDAC-638-W15-621-012 Datasheet
89Kb / 1P
638W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Receptacle
638-W15-622-012 EDAC-638-W15-622-012 Datasheet
89Kb / 1P
638W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Receptacle
638-W26-222-012 EDAC-638-W26-222-012 Datasheet
93Kb / 1P
638W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Receptacle
638-W26-322-012 EDAC-638-W26-322-012 Datasheet
94Kb / 1P
638W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Receptacle
638-W26-621-012 EDAC-638-W26-621-012 Datasheet
94Kb / 1P
638W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Receptacle
638-W44-221-012 EDAC-638-W44-221-012 Datasheet
102Kb / 1P
638W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Receptacle
638-W44-321-012 EDAC-638-W44-321-012 Datasheet
102Kb / 1P
638W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Receptacle
638-W44-322-012 EDAC-638-W44-322-012 Datasheet
102Kb / 1P
638W Series,D-Sub Connectors | Waterproof | High Density | .090" (2.29mm) Contact Spacing x .078" (1.98mm) Row Spacing | Vertical | Receptacle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com