Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-COMI-SI-M Datasheet (PDF) - Coolgear Inc.

USB-COMI-SI-M Datasheet PDF - Coolgear Inc.
Part # USB-COMI-SI-M
Download  USB-COMI-SI-M Download
File Size   124.47 Kbytes
Page   3 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description USB to Optical Adapter Industrial Isolated RS-422/485

USB-COMI-SI-M Datasheet (PDF)

Go To PDF Page Download Datasheet
USB-COMI-SI-M Datasheet PDF - Coolgear Inc.

Part # USB-COMI-SI-M
Download  USB-COMI-SI-M Click to download

File Size   124.47 Kbytes
Page   3 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description USB to Optical Adapter Industrial Isolated RS-422/485

USB-COMI-SI-M Datasheet (HTML) - Coolgear Inc.


USB-COMI-SI-M Product details

TAA Compliant.
• Adds a high speed RS-422 / 485 serial port via USB connection.
• Requires no IRQ, DMA, I/O port.
• Data rates: 300 bps to 921.6K bps.
• Auto transmit buffer control for 2-wire RS-485 half-duplex operation.
• Termination resistors installed on-board.
• Monitor LEDs of TxD, RxD indicating port status.
• External 4-pin dip switch to set RS-422, or RS-485 modes.
• Virtual COM port drivers provided for Windows 7, Vista, 2003, XP, 2000.
• Self-power (500mA, 5V)




Similar Part No. - USB-COMI-SI-M

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB-COMI-SI COOLGEAR-USB-COMI-SI Datasheet
130Kb / 2P
USB to Serial Surge and Optical Isolation converter RS-422/485
More results


Similar Description - USB-COMI-SI-M

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USOPTL4DR ADVANTECH-USOPTL4DR Datasheet
433Kb / 2P
Isolated USB to RS-422/485 Converters
BB-485DRCI-PH ADVANTECH-BB-485DRCI-PH Datasheet
374Kb / 2P
Heavy Industrial RS-232 to RS-422/485 Isolated Converter
BB-485OPDRI ADVANTECH-BB-485OPDRI Datasheet
480Kb / 2P
Industrial Isolated RS-422/485 Repeater
RS-422 ADVANTECH-RS-422 Datasheet
194Kb / 2P
Heavy Industrial RS-422/485 Isolated Repeater
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
USB-COMI-TB COOLGEAR-USB-COMI-TB Datasheet
51Kb / 1P
Single Port USB to RS-422 485 Hi-Speed Industrial Adapter
7/17/2015
logo
Advantech Co., Ltd.
ULI-314DC ADVANTECH-ULI-314DC Datasheet
361Kb / 2P
USB to RS-232/422/485 Isolated Converter
1-Jul-2022
logo
Coolgear Inc.
USB-16COMI-M COOLGEAR-USB-16COMI-M Datasheet
102Kb / 1P
16-Port RS-422 485 USB-to-Serial Adapter
USB-2COMI-SI-M COOLGEAR-USB-2COMI-SI-M Datasheet
129Kb / 2P
2 Port USB to RS-422 /485 Optical Isolated Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com