Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1707447 Datasheet (PDF) - PHOENIX CONTACT

1707447 Datasheet PDF - PHOENIX CONTACT
Part # 1707447
Download  1707447 Download
File Size   563.53 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MCV 1,5/ 4-G-3,81 P26 THR

1707447 Datasheet (PDF)

Go To PDF Page Download Datasheet
1707447 Datasheet PDF - PHOENIX CONTACT

Part # 1707447
Download  1707447 Click to download

File Size   563.53 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MCV 1,5/ 4-G-3,81 P26 THR

1707447 Datasheet (HTML) - PHOENIX CONTACT


1707447 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Male connector, number of potentials: 4,
number of rows: 1, number of positions: 4, number of connections: 4, product range: MCV 1,5/..-
G-THR, pitch: 3.81 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2.6
mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard, For user information and design recommendations for through-hole reflow
technology, go to: Downloads

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1707447

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1707441 PHOENIX-1707441 Datasheet
57Kb / 4P
PCB terminal block - FFKDSA1/V-3,81-19
More results


Similar Description - 1707447

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1707421 PHOENIX-1707421 Datasheet
105Kb / 7P
Base strip - MCV 1,5/ 2-G-3,81 P26 THR
1707434 PHOENIX-1707434 Datasheet
105Kb / 7P
Housing - MCV 1,5/ 3-G-3,81 P26 THR
1707476 PHOENIX-1707476 Datasheet
82Kb / 4P
Base strip - MCV 1,5/ 7-G-3,81 P26 THR
1707492 PHOENIX-1707492 Datasheet
82Kb / 4P
Base strip - MCV 1,5/ 9-G-3,81 P26 THR
1707515 PHOENIX-1707515 Datasheet
80Kb / 4P
Base strip - MCV 1,5/11-G-3,81 P26 THR
1707463 PHOENIX-1707463 Datasheet
565Kb / 15P
PCB header - MCV 1,5/ 6-G-3,81 P26 THR
Nov 30, 2022
1707450 PHOENIX-1707450 Datasheet
563Kb / 15P
PCB header - MCV 1,5/ 5-G-3,81 P26 THR
Jan 3, 2023
1779527 PHOENIX-1779527 Datasheet
320Kb / 8P
PCB header - MCV 1,5/10-G-3,5 P26 THR
Jan 3, 2023
1707502 PHOENIX-1707502 Datasheet
563Kb / 15P
PCB header - MCV 1,5/10-G-3,81 P26 THR
Jan 4, 2023
1779381 PHOENIX-1779381 Datasheet
323Kb / 8P
PCB header - MCV 1,5/ 3-G-3,5 P26 THR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com