Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1836228 Datasheet (PDF) - PHOENIX CONTACT

1836228 Datasheet PDF - PHOENIX CONTACT
Part # 1836228
Download  1836228 Download
File Size   569.8 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MC 1,5/ 6-G-5,08

1836228 Datasheet (PDF)

Go To PDF Page Download Datasheet
1836228 Datasheet PDF - PHOENIX CONTACT

Part # 1836228
Download  1836228 Click to download

File Size   569.8 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MC 1,5/ 6-G-5,08

1836228 Datasheet (HTML) - PHOENIX CONTACT


1836228 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 6,
number of rows: 1, number of positions: 6, number of connections: 6, product range: MC 1,5/..-
G, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1836228

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
18362 VICOR-18362 Datasheet
148Kb / 4P
16. Through-hole Socket Mount System (InMate)
logo
PHOENIX CONTACT
1836202 PHOENIX-1836202 Datasheet
89Kb / 5P
Base strip - MC 1,5/ 4-G-5,08
1836215 PHOENIX-1836215 Datasheet
153Kb / 9P
Feed-through header - MC 1,5/ 5-G-5,08
1836244 PHOENIX-1836244 Datasheet
569Kb / 13P
MC 1,5/ 8-G-5,08 - PCB header
1836257 PHOENIX-1836257 Datasheet
85Kb / 5P
Base strip - MC 1,5/ 9-G-5,08
More results


Similar Description - 1836228

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1836215 PHOENIX-1836215 Datasheet
153Kb / 9P
Feed-through header - MC 1,5/ 5-G-5,08
1847482 PHOENIX-1847482 Datasheet
251Kb / 8P
PCB header - MC 1,5/ 4-GF-5,08
02/04/2022
1847479 PHOENIX-1847479 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 3-GF-5,08
Nov 30, 2022
1836118 PHOENIX-1836118 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 6-ST-5,08
Jan 3, 2023
1836189 PHOENIX-1836189 Datasheet
569Kb / 13P
PCB header - MC 1,5/ 2-G-5,08
Jan 4, 2023
1847505 PHOENIX-1847505 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 6-GF-5,08
Jan 5, 2023
1847547 PHOENIX-1847547 Datasheet
548Kb / 12P
PCB header - MC 1,5/10-GF-5,08
Jan 10, 2023
1847563 PHOENIX-1847563 Datasheet
548Kb / 12P
PCB header - MC 1,5/12-GF-5,08
Jan 4, 2023
1731714 PHOENIX-1731714 Datasheet
519Kb / 13P
PCB header - MC 1,5/ 6-G-3,5-RN
1847521 PHOENIX-1847521 Datasheet
547Kb / 12P
MC 1,5/ 8-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com