Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS131B23 Datasheet (PDF) - Texas Instruments

ADS131B23 Datasheet PDF - Texas Instruments
Part # ADS131B23
Download  ADS131B23 Download
File Size   2842.84 Kbytes
Page   220 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS131B23 Current, Voltage, and Temperature Measurement Analog Front-End for Industrial Battery Management Systems

ADS131B23 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS131B23 Datasheet PDF - Texas Instruments

Part # ADS131B23
Download  ADS131B23 Click to download

File Size   2842.84 Kbytes
Page   220 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS131B23 Current, Voltage, and Temperature Measurement Analog Front-End for Industrial Battery Management Systems

ADS131B23 Datasheet (HTML) - Texas Instruments


ADS131B23 Product details

1 Features
• Two simultaneous-sampling, 24-bit ADCs (ADC1A,
ADC1B) for current-shunt measurements
– Programmable full-scale range:
• ±39 mV to ±312.5 mV
• Supports a wide range of shunt resistor
values and current-measurement ranges
– Achieve high-accuracy current-shunt
measurements with:
• Offset error: ±1.5 μV (max)
• Gain drift: 25 ppm/°C (max)
– Programmable data rate: 500 SPS to 64 kSPS
– Digital overcurrent comparator per ADC with
programmable thresholds for fast overcurrent
detection
• One multiplexed, 16-bit ADC (ADC2A) for voltage
and temperature measurements:
– 8 analog inputs
– Programmable full-scale range:
±312.5 mV to ±1.25 V
– Channel sequencer
• Monitoring and diagnostic features to mitigate and
detect random hardware faults
• Supply-voltage range: 2.9 V to 16 V
• SPI-compatible interface
• 9 GPIOs with PWM capability

2 Applications
• Battery energy storage systems (ESS):
– Current-shunt measurements
– Voltage measurements using external resistor
dividers
– Temperature measurements using thermistors
or analog output temperature sensors

3 Description
The ADS131B23 is a complete analog front-end
(AFE) for industrial battery management systems
(BMS). The device integrates two simultaneoussampling,
high-precision, 24-bit ADC channels
(ADC1A, ADC1B) to redundantly measure battery
current with high resolution and accuracy using
an external shunt resistor. Two independent digital
comparators enable fast overcurrent detection in
parallel with the two ADCs.
An additional multiplexed, 16-bit ADC (ADC2A)
is available to measure shunt temperature and
other voltages in the system, such as battery-pack
voltage, using external high-voltage resistor dividers.
Shunt temperature is measured using an external
temperature sensor, such as a thermistor or an analog
output temperature sensor. ADC2A is equipped
with a channel sequencer that automatically steps
through the configured multiplexer inputs to reduce
communication on the SPI.
The device integrates many monitoring and diagnostic
features to mitigate and detect random hardware
faults to aid in the development of functional safe
BMS.
Internal linear regulators with input ranges up to 16 V
support powering the device with unregulated DC/DCconverters.
The ADS131B23 is offered in a 48-pin HTQFP
package and is specified over the industrial
temperature range of –40°C to +105°C.




Similar Part No. - ADS131B23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131B23 TI-ADS131B23 Datasheet
3Mb / 222P
ADS131B23 Current, Voltage, and Temperature Measurement Analog Front-End for Industrial Battery Management Systems
REVISED DECEMBER 2022
ADS131B23 TI1-ADS131B23 Datasheet
3Mb / 230P
ADS131B23-Q1 Automotive, High-Voltage Battery Pack Monitor With SPI and 3 ADC Channels for Voltage, Current, and Temperature Sensing
JULY 2023
ADS131B23-Q1 TI1-ADS131B23-Q1 Datasheet
3Mb / 230P
ADS131B23-Q1 Automotive, High-Voltage Battery Pack Monitor With SPI and 3 ADC Channels for Voltage, Current, and Temperature Sensing
JULY 2023
ADS131B23PHPR TI-ADS131B23PHPR Datasheet
3Mb / 222P
ADS131B23 Current, Voltage, and Temperature Measurement Analog Front-End for Industrial Battery Management Systems
REVISED DECEMBER 2022
ADS131B23QPHPRQ1 TI1-ADS131B23QPHPRQ1 Datasheet
3Mb / 230P
ADS131B23-Q1 Automotive, High-Voltage Battery Pack Monitor With SPI and 3 ADC Channels for Voltage, Current, and Temperature Sensing
JULY 2023
More results


Similar Description - ADS131B23

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL94208 INTERSIL-ISL94208 Datasheet
955Kb / 37P
4- to 6-Cell Li-ion Battery Management Analog Front-End
November 26, 2012
logo
Linear Technology
LTC2943 LINER-LTC2943_15 Datasheet
260Kb / 20P
Multicell Battery Gas Gauge with Temperature, Voltage and Current Measurement
logo
Intersil Corporation
ISL94208 INTERSIL-ISL94208_14 Datasheet
916Kb / 36P
4- to 6-Cell Li-ion Battery Management Analog Front-End
June 21, 2013
logo
Analog Devices
AD8450 AD-AD8450 Datasheet
1Mb / 41P
Precision Analog Front End and Controller for Battery Test/Formation Systems
REV. B
AD8451 AD-AD8451 Datasheet
911Kb / 32P
Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
REV. 0
AD8451 AD-AD8451_17 Datasheet
949Kb / 33P
Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
23-Feb-2017
logo
Linear Technology
LTC2943 LINER-LTC2943 Datasheet
506Kb / 12P
Multicell Battery Gas Gauge with Temperature, Voltage and Current Measurement
logo
Renesas Technology Corp
ISL94208 RENESAS-ISL94208 Datasheet
1Mb / 36P
4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Texas Instruments
ADS131B26-Q1 TI-ADS131B26-Q1 Datasheet
614Kb / 7P
ADS131B26-Q1 Current, Voltage, and Temperature Measurement Automotive Analog Front-End for Battery Management Systems
SEPTEMBER 2022
ADS131B23 TI-ADS131B23_V01 Datasheet
3Mb / 222P
ADS131B23 Current, Voltage, and Temperature Measurement Analog Front-End for Industrial Battery Management Systems
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com