Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68236 Datasheet (PDF) - Renesas Technology Corp

ISL68236 Datasheet PDF - Renesas Technology Corp
Part # ISL68236
Download  ISL68236 Download
File Size   1922.17 Kbytes
Page   96 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Triple Output, 8-Phase PWM Controller

ISL68236 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL68236 Datasheet PDF - Renesas Technology Corp

Part # ISL68236
Download  ISL68236 Click to download

File Size   1922.17 Kbytes
Page   96 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Triple Output, 8-Phase PWM Controller

ISL68236 Datasheet (HTML) - Renesas Technology Corp


ISL68236 Product details

Features
• Advanced linear digital modulation scheme
○ Auto phase add/drop with PFM mode for
excellent load vs efficiency profile
○ Dual edge modulation with optional diode braking
for faster transient response
○ Excellent VOUT transition performance
○ Zero latency synthetic current control for excellent
high frequency current balance
• Flexible phase assignment from 0 to 8 phases per
output
• Up to 2MHz switching frequency operation for high
density designs
• Differential remote voltage sensing supports ±0.5%
closed-loop system accuracy over load, line, and
temperature
• Highly accurate current sensing for excellent
load-line regulation and accurate OCP
○ Supports the full range of the Renesas Smart
Power Stage (SPS) devices
• Comprehensive fault management enables high
reliability systems
○ Pulse-by-pulse (per phase) and total output
current limiting
○ Black Box status recording capability with first
fault indicator
• Intuitive configuration using PowerNavigator
• SMBus/PMBus V1.3 compatible
• Up to 16 user configurations stored in device
Non-Volatile Memory (NVM)




Similar Part No. - ISL68236

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68236 RENESAS-ISL68236 Datasheet
1Mb / 98P
Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
ISL68236 RENESAS-ISL68236 Datasheet
1Mb / 98P
Digital Triple Output, 3-Phase PWM Controller
Oct.1.20
ISL68236 RENESAS-ISL68236 Datasheet
1Mb / 103P
Digital Dual Output, 5-Phase Controller
Oct.1.20
ISL68236 RENESAS-ISL68236 Datasheet
1Mb / 97P
Digital Triple Output, 6-Phase PWM Controller
Oct.1.20
ISL68236 RENESAS-ISL68236 Datasheet
2Mb / 107P
Digital Dual Output, 9-Phase PWM Controller
Oct.1.20
More results


Similar Description - ISL68236

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1101 ANALOGICTECH-AAT1101 Datasheet
711Kb / 23P
TRIPLE OUTPUT TFT LCD PWM CONTROLLER
logo
International Rectifier
IR3536 IRF-IR3536 Datasheet
354Kb / 3P
Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller
logo
Renesas Technology Corp
ISL69147 RENESAS-ISL69147 Datasheet
177Kb / 2P
Digital Dual Output 7-Phase AMD PWM Controller
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 98P
Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
ISL68221 RENESAS-ISL68221 Datasheet
1Mb / 98P
Digital Triple Output, 3-Phase PWM Controller
Oct.1.20
ISL68224 RENESAS-ISL68224 Datasheet
1Mb / 97P
Digital Triple Output, 6-Phase PWM Controller
Oct.1.20
ISL68225 RENESAS-ISL68225 Datasheet
2Mb / 107P
Digital Dual Output, 9-Phase PWM Controller
Oct.1.20
ISL68227 RENESAS-ISL68227 Datasheet
1Mb / 100P
Digital Single Output,12-Phase PWM Controller
Oct.1.20
ISL68229 RENESAS-ISL68229 Datasheet
1Mb / 107P
Digital Triple Output, 12-Phase PWM Controller
Jul 21, 2022
ISL69144 RENESAS-ISL69144 Datasheet
179Kb / 2P
Digital Dual Output 4-Phase AMD PWM Controller
Jan 12, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com