Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX4051 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMUX4051 Datasheet PDF - Texas Instruments
Part # TMUX4051
Download  TMUX4051 Download
File Size   1633.99 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic

TMUX4051 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX4051 Datasheet PDF - Texas Instruments

Part # TMUX4051
Download  TMUX4051 Click to download

File Size   1633.99 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic

TMUX4051 Datasheet (HTML) - Texas Instruments


TMUX4051 Product details

1 Features
• Single supply range: 5 V to 24 V
• Dual supply range: up to ±12 V
• Low capacitance: 3 pF
• –55°C to +125°C operating temperature
• Bidirectional signal path
• Rail-to-rail operation
• 1.8 V logic compatible
• Break-before-make switching
• ESD protection HBM: 2000 V
• TMUX405x – pin compatible with:
– Industry standard 4051, 4052, and 4053 muxes

2 Applications
• Analog multiplexing and demultiplexing
• Factory automation and control
• Appliances
• Battery test equipment
• Power delivery
• Medical
• Building automation
• Grid infrastructure

3 Description
The TMUX405x devices are general purpose
complementary metal-oxide semiconductor (CMOS)
multiplexers (MUX). The TMUX4051 is an 8:1, 1-
channel multiplexer, the TMUX4052 is a 4:1, 2-
channel multiplexer, and the TMUX4053 is 2:1, 3
channel switch. The devices work with a single supply
(5 V to 24 V), dual supplies (up to ±12 V), or
asymmetric supplies (such as VDD = 12 V, VSS =
–5 V). The wide supply voltage range allows the
TMUX405x devices to be used in a broad array of
applications from battery testers to appliances.
The TMUX405x devices support bidirectional analog
signals on the source (Sx) and drain (Dx) pins ranging
from VSS to VDD. All logic inputs have 1.8 V logic
compatible thresholds, ensuring both TTL and CMOS
logic compatibility when operating with a valid supply
voltage.




Similar Part No. - TMUX4051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX4051 TI-TMUX4051 Datasheet
1Mb / 31P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
MAY 2022
TMUX4051 TI-TMUX4051 Datasheet
1Mb / 30P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051 TI-TMUX4051 Datasheet
1Mb / 30P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051 TI-TMUX4051 Datasheet
1Mb / 38P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED SEPTEMBER 2022
TMUX4051 TI-TMUX4051 Datasheet
1Mb / 31P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
More results


Similar Description - TMUX4051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6208 TI-TMUX6208_V01 Datasheet
2Mb / 49P
TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX6208 TI-TMUX6208_V02 Datasheet
3Mb / 51P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
TMUX7208 TI-TMUX7208_V03 Datasheet
3Mb / 52P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
SEPTEMBER 2021
TMUX4051 TI-TMUX4051 Datasheet
1Mb / 31P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
MAY 2022
TMUX4051-Q1 TI-TMUX4051-Q1 Datasheet
1Mb / 30P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V01 Datasheet
1Mb / 30P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051 TI-TMUX4051_V01 Datasheet
1Mb / 38P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED SEPTEMBER 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V02 Datasheet
1Mb / 31P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
TMUX4051-Q1 TI1-TMUX4051-Q1_V03 Datasheet
1Mb / 31P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
TMUX4051 TI1-TMUX4051_V03 Datasheet
2Mb / 42P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com