Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1827304 Datasheet (PDF) - PHOENIX CONTACT

1827304 Datasheet PDF - PHOENIX CONTACT
Part # 1827304
Download  1827304 Download
File Size   368.32 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPT 2,5/ 3-H-5,0 BK

1827304 Datasheet (PDF)

Go To PDF Page Download Datasheet
1827304 Datasheet PDF - PHOENIX CONTACT

Part # 1827304
Download  1827304 Click to download

File Size   368.32 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPT 2,5/ 3-H-5,0 BK

1827304 Datasheet (HTML) - PHOENIX CONTACT


1827304 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product range:
SPT 2,5/..-H, pitch: 5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 0 °, color: black, Pin layout: Linear pinning,
Solder pin [P]: 2.5 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1827304

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827305 PHOENIX-1827305 Datasheet
172Kb / 10P
Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 - 1851070
1827305 PHOENIX-1827305 Datasheet
329Kb / 7P
MC 1,5/ 5-ST-3,81
1827305 PHOENIX-1827305 Datasheet
177Kb / 6P
MCVW 1,5/ 5-ST-3,81
1827305 PHOENIX-1827305 Datasheet
163Kb / 6P
MCVR 1,5/ 5-ST-3,81
More results


Similar Description - 1827304

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700404 PHOENIX-1700404 Datasheet
51Kb / 4P
PCB terminal block - PT 2,5/ 3-5,0-H BK
1751066 PHOENIX-1751066 Datasheet
54Kb / 4P
PCB terminal block - SPT 2,5/ 1-H-5,0
1990986 PHOENIX-1990986 Datasheet
80Kb / 5P
PCB terminal block - SPT 2,5/ 3-H-5,0
1991008 PHOENIX-1991008 Datasheet
80Kb / 5P
PCB terminal block - SPT 2,5/ 5-H-5,0
1991011 PHOENIX-1991011 Datasheet
148Kb / 8P
PCB terminal block - SPT 2,5/ 6-H-5,0
1991024 PHOENIX-1991024 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/ 7-H-5,0
1991037 PHOENIX-1991037 Datasheet
80Kb / 5P
PCB terminal block - SPT 2,5/ 8-H-5,0
1991053 PHOENIX-1991053 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/10-H-5,0
1991066 PHOENIX-1991066 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/11-H-5,0
1991079 PHOENIX-1991079 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/12-H-5,0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com