Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

858-003-203RLSY Datasheet (PDF) - NorComp

858-003-203RLSY Datasheet PDF - NorComp
Part # 858-003-203RLSY
Download  858-003-203RLSY Download
File Size   67.25 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-SOLDER CUP-3POSITION

858-003-203RLSY Datasheet (PDF)

Go To PDF Page Download Datasheet
858-003-203RLSY Datasheet PDF - NorComp

Part # 858-003-203RLSY
Download  858-003-203RLSY Click to download

File Size   67.25 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-SOLDER CUP-3POSITION

858-003-203RLSY Datasheet (HTML) - NorComp


858-003-203RLSY Product details

FEATURES
M12 connector pin configurations: 3 pin, 4 pin, 5 pin, 6 pin, 8 pin, 12 pin
Non-removable Contacts
Meets IP67/IP68 water proof requirements
-40°C to +85°C Temperature Range
Available as loose piece or as pre-made M12 cables

MATERIALS
SHELL: Brass-Nickel Plated or Stainless Steel
INSULATOR: PBT-Black, UL 94V-0 (Other materials available)
CONTACTS: Brass, Gold Plated
NUT: Brass-Nickel Plated
O-RING: EPDM - Black (Other materials available




Similar Part No. - 858-003-203RLSY

ManufacturerPart #DatasheetDescription
logo
NorComp
858-003-203RKT1 NORCOMP-858-003-203RKT1 Datasheet
71Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-3POSITION
03/07/2016
858-003-203RKT4 NORCOMP-858-003-203RKT4 Datasheet
71Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-3POSITION
03/07/2016
858-003-203RKTY NORCOMP-858-003-203RKTY Datasheet
71Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-3POSITION
03/07/2016
858-003-203RSU1 NORCOMP-858-003-203RSU1 Datasheet
67Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-SOLDER CUP-3POSITION
03-07-16
858-003-203RSU4 NORCOMP-858-003-203RSU4 Datasheet
67Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-SOLDER CUP-3POSITION
03-07-16
More results


Similar Description - 858-003-203RLSY

ManufacturerPart #DatasheetDescription
logo
NorComp
855-003-203R00Y NORCOMP-855-003-203R00Y Datasheet
67Kb / 1P
M8 SERIES-FEMALE-PANEL MOUNT SOLDER CUP-3POSITION
Rev.06 03/04/2016
858-003-203RKTY NORCOMP-858-003-203RKTY Datasheet
71Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-3POSITION
03/07/2016
858-003-203RSUY NORCOMP-858-003-203RSUY Datasheet
67Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-SOLDER CUP-3POSITION
03-07-16
858-004-203RLSY NORCOMP-858-004-203RLSY Datasheet
70Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-SOLDER CUP-4POSITION
03-07-16
858-008-203RLSY NORCOMP-858-008-203RLSY Datasheet
79Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-SOLDER CUP-8POSITION
REV.4 03-07-16
858-008-203RSUY NORCOMP-858-008-203RSUY Datasheet
81Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-SOLDER CUP-8POSITION
REV.3 03-07-16
858-012-203RSUY NORCOMP-858-012-203RSUY Datasheet
76Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-SOLDER CUP-12POSITION
REV.5 03-08-16
858-L03-203RKTY NORCOMP-858-L03-203RKTY Datasheet
74Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-3POSITION
REV.3 03-07-16
858-R03-103RLUY NORCOMP-858-R03-103RLUY Datasheet
71Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-SOLDER CUP-3POSITION
REV.4 03-07-16
858-R03-203RSSY NORCOMP-858-R03-203RSSY Datasheet
76Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-SOLDER CUP-3POSITION-ROTATED
REV.1 09/09/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com